Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 2 Page - Linear Technology

Part # LT8608
Description  42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8608 Datasheet(HTML) 2 Page - Linear Technology

  LT8608 Datasheet HTML 1Page - Linear Technology LT8608 Datasheet HTML 2Page - Linear Technology LT8608 Datasheet HTML 3Page - Linear Technology LT8608 Datasheet HTML 4Page - Linear Technology LT8608 Datasheet HTML 5Page - Linear Technology LT8608 Datasheet HTML 6Page - Linear Technology LT8608 Datasheet HTML 7Page - Linear Technology LT8608 Datasheet HTML 8Page - Linear Technology LT8608 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT8608/LT8608B
2
Rev C
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UV, PG..........................................................42V
FB, TR/SS . .................................................................4V
SYNC Voltage .............................................................6V
(Note 1)
1
2
3
4
5
BST
SW
INTVCC
RT
SYNC
10
9
8
7
6
EN/UV
VIN
PG
TR/SS
FB
TOP VIEW
11
GND
MSE PACKAGE
10-LEAD PLASTIC MSOP
θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
TOP VIEW
BST
SW
INTVCC
RT
EN/UV
VIN
PG
FB
DC PACKAGE
8-LEAD (2mm × 2mm) PLASTIC DFN
9
GND
4
1
2
3
6
5
7
8
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8608EMSE#PBF
LT8608EMSE#TRPBF
LTGVZ
10-Lead Plastic MSOP
–40°C to 125°C
LT8608IMSE#PBF
LT8608IMSE#TRPBF
LTGVZ
10-Lead Plastic MSOP
–40°C to 125°C
LT8608HMSE#PBF
LT8608HMSE#TRPBF
LTGVZ
10-Lead Plastic MSOP
–40°C to 150°C
LT8608EDC#PBF
LT8608EDC#TRPBF
LGXB
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT8608IDC#PBF
LT8608IDC#TRPBF
LGXB
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT8608HDC#PBF
LT8608HDC#TRPBF
LGXB
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 150°C
LT8608BEDC#PBF
LT8608BEDC#TRPBF
LGXC
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT8608BIDC#PBF
LT8608BIDC#TRPBF
LGXC
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT8608BHDC#PBF
LT8608BHDC#TRPBF
LGXC
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 150°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
http://www.linear.com/product/LT8608#orderinfo
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
2.5
3.0
3.2
V
VIN Quiescent Current
VEN/UV = 0V, VSYNC = 0V
VEN/UV = 2V, Not Switching, VSYNC = 0V or LT8608 DFN, VIN ≤ 36V l
1
1.7
4
12
µA
µA
VIN Current in Regulation
VIN = 6V, VOUT = 2.7V, Output Load = 100µA
VIN = 6V, VOUT = 2.7V, Output Load = 1mA
l
l
56
500
90
700
µA
µA
Operating Junction Temperature Range (Note 2)
LT8608E ........................................... –40°C to 125°C
LT8608I ............................................. –40°C to 125°C
LT8608H............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com