Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 7 Page - Linear Technology

Part # LT8608
Description  42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8608 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT8608 Datasheet HTML 3Page - Linear Technology LT8608 Datasheet HTML 4Page - Linear Technology LT8608 Datasheet HTML 5Page - Linear Technology LT8608 Datasheet HTML 6Page - Linear Technology LT8608 Datasheet HTML 7Page - Linear Technology LT8608 Datasheet HTML 8Page - Linear Technology LT8608 Datasheet HTML 9Page - Linear Technology LT8608 Datasheet HTML 10Page - Linear Technology LT8608 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT8608/LT8608B
7
Rev C
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveforms
Switching Waveforms
Transient Response
Transient Response
Switching Waveforms
50µs/DIV
ILOAD
500mA/DIV
VOUT
50mV/DIV
8608 G31
VIN = 12V
0.5A TO 1A
COUT = 47 F
fSW = 2MHz
50µs/DIV
ILOAD
500mA/DIV
VOUT
50mV/DIV
8608 G32
VIN = 24V
0.5A TO 1A
COUT = 47 F
fSW = 2MHz
IL
1A/DIV
SW
5V/DIV
8608 G28
200ns/DIV
12VIN TO 3.3 VOUT AT 1A
2MHz
IL
200mA/DIV
SW
5V/DIV
8608 G29
10 s/DIV
12VIN TO 5VOUT AT 3mA
200ns/DIV
36VIN TO 3.3VOUT AT 1A
2MHz
IL
1A/DIV
SW
2V/DIV
8608 G30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com