Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 1 Page - Linear Technology

Part # LT8608
Description  42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8608 Datasheet(HTML) 1 Page - Linear Technology

  LT8608 Datasheet HTML 1Page - Linear Technology LT8608 Datasheet HTML 2Page - Linear Technology LT8608 Datasheet HTML 3Page - Linear Technology LT8608 Datasheet HTML 4Page - Linear Technology LT8608 Datasheet HTML 5Page - Linear Technology LT8608 Datasheet HTML 6Page - Linear Technology LT8608 Datasheet HTML 7Page - Linear Technology LT8608 Datasheet HTML 8Page - Linear Technology LT8608 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT8608/LT8608B
1
Rev C
For more information www.analog.com
TYPICAL APPLICATION
FEATURES
DESCRIPTION
42V, 1.5A Synchronous Step-Down Regulator
with 2.5µA Quiescent Current
The LT®8608 is a compact, high efficiency, high speed
synchronous monolithic step-down switching regulator
thatconsumesonly1.7µAofquiescentcurrent.TheLT8608
can deliver 1.5A of continuous current. Low ripple Burst
Mode operation enables high efficiency down to very low
output currents while keeping the output ripple below
10mV. Internal compensation with peak current mode
topology allows the use of small inductors and results in
fast transient response and good loop stability. The EN/
UV pin has an accurate 1V threshold and can be used to
program VIN undervoltage lockout or to shut down the
LT8608. The PG flag signals when VOUT is within ±8.5% of
theprogrammedoutputvoltageaswellasfaultconditions.
The MSOP package includes a SYNC pin to synchronize
to an external clock, or to select Burst Mode operation
or pulse-skipping with or without spread-spectrum; the
TR/SS pin programs soft-start or tracking. The DFN
package omits these pins and can be purchased in pulse-
skipping or Burst Mode operation varieties.
PACKAGE
SYNC FUNCTIONALITY
LT8608MSE
MSE
Programmable
LT8608DFN
DFN
Burst Mode Operation
LT8608BDFN
DFN
Pulse-Skipping Mode
APPLICATIONS
n
Wide Input Voltage Range: 3.0V to 42V
n
Ultralow Quiescent Current Burst Mode® Operation:
n
<2.5µA IQ Regulating 12VIN to 3.3VOUT
n
Output Ripple <10mVP-P
n
High Efficiency 2MHz Synchronous Operation:
n
>92% Efficiency at 0.5A, 5VOUT from 12VIN
n
1.5A Continuous Output Current
n
Fast Minimum Switch-On Time: 35ns
n
Adjustable and Synchronizable: 200kHz to 2.2MHz
n
Spread Spectrum Frequency Modulation for Low EMI
n
Allows Use of Small Inductors
n
Low Dropout
n
Peak Current Mode Operation
n
Accurate 1V Enable Pin Threshold
n
Internal Compensation
n
Output Soft-Start and Tracking
n
Small 10-Lead MSOP Package or 8-Lead
2mm × 2mm DFN Package
n
General Purpose Step Down
n
Low EMI Step Down
All registered trademarks and trademarks are the property of their respective owners.
5V, 2MHz Step-Down
12VIN to 5VOUT Efficiency
fSW = 2MHz
IOUT (A)
0
0.25
0.50
0.75
1.00
1.25
1.50
50
55
60
65
70
75
80
85
90
95
100
IN
OUT
8608 TA01b
VIN
BST
EN/UV
ON OFF
0.1µF
22µF
10pF
1M
4.7µF
VIN
5.5V TO 42V
1µF
VOUT
5V
1.5A
187k
8608 TA01a
2.2µH
SYNC
INTVCC
TR/SS
RT
LT8608
GND
SW
PG
FB
18.2k
Document Feedback


Similar Part No. - LT8608

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8608 AD-LT8608 Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
LT8608 AD-LT8608 Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8608 AD-LT8608 Datasheet
1Mb / 31P
42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
Rev 0
LT8608B AD-LT8608B Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8608B AD-LT8608B Datasheet
1Mb / 31P
42V, 3.5A Synchronous Step-down Regulator with 2.5μA Quiescent Current
Rev 0
More results

Similar Description - LT8608

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT8611EUDDPBF LINEAR_DIMENSIONS-LT8611EUDDPBF Datasheet
350Kb / 24P
42V, 2.5A Synchronous Step-Down Regulator with Current Sense and 2.5關A Quiescent Current
logo
Linear Technology
LT3973 LINER-LT3973 Datasheet
113Kb / 6P
42V, 750mA Step-Down Regulator with 2.5關A Quiescent Current
LT8616 LINER-LT8616 Datasheet
272Kb / 6P
Dual 42V Synchronous Monolithic Step-Down Regulator with 6.5關A Quiescent Current
LT8613 LINER-LT8613 Datasheet
364Kb / 24P
42V, 6A Synchronous Step-Down Regulator with Current Sense and 3關A Quiescent Current
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8609S LINER-LT8609S Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LT8610AC LINER-LT8610AC Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
LTC8606 LINER-LTC8606 Datasheet
1Mb / 24P
42V, 350mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8607 AD-LT8607 Datasheet
2Mb / 24P
42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21-REV.D
LT8640A AD-LT8640A Datasheet
1Mb / 28P
42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com