Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 8 Page - Linear Technology

Part # LT8608
Description  42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8608 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT8608 Datasheet HTML 4Page - Linear Technology LT8608 Datasheet HTML 5Page - Linear Technology LT8608 Datasheet HTML 6Page - Linear Technology LT8608 Datasheet HTML 7Page - Linear Technology LT8608 Datasheet HTML 8Page - Linear Technology LT8608 Datasheet HTML 9Page - Linear Technology LT8608 Datasheet HTML 10Page - Linear Technology LT8608 Datasheet HTML 11Page - Linear Technology LT8608 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT8608/LT8608B
8
Rev C
For more information www.analog.com
PIN FUNCTIONS
BST: This pin is used to provide a drive voltage, higher
than the input voltage, to the topside power switch. Place
a 0.1µF boost capacitor as close as possible to the IC. Do
not place a resistor in series with this pin.
SW: The SW pin is the output of the internal power
switches. Connect this pin to the inductor and boost
capacitor. This node should be kept small on the PCB for
good performance.
INTVCC: Internal 3.5V Regulator Bypass Pin. The internal
power drivers and control circuits are powered from this
voltage. INTVCC max output current is 20mA. Voltage on
INTVCC will vary between 2.8V and 3.5V. Decouple this
pin to power ground with at least a 1μF low ESR ceramic
capacitor.DonotloadtheINTVCCpinwithexternalcircuitry.
RT: A resistor is tied between RT and ground to set the
switching frequency. When synchronizing, the RT resistor
should be chosen to set the LT8608 switching frequency
equal to or below the lowest synchronization input.
SYNC(MSOPOnly):ExternalClockSynchronizationInput.
Ground this pin for low ripple Burst Mode operation at low
output loads. Tie to a clock source for synchronization to
an external frequency. Leave floating for pulse-skipping
mode with no spread spectrum modulation. Tie to INTVCC
ortietoavoltagebetween3.2Vand5.0Vforpulse-skipping
mode with spread spectrum modulation. When in pulse-
skipping mode, the IQ will increase to several mA. There
is no SYNC pin in the LT8608 DFN package. The LT8608
DFN package internally ties SYNC to ground. The LT8608B
DFN package internally floats SYNC.
FB: The LT8608 regulates the FB pin to 0.778V. Connect
the feedback resistor divider tap to this pin.
TR/SS (MSOP Only): Output Tracking and Soft-Start Pin.
This pin allows user control of output voltage ramp rate
during start-up. A TR/SS voltage below 0.778V forces the
LT8608 to regulate the FB pin to equal the TR/SS pin volt-
age. When TR/SS is above 0.778V, the tracking function
is disabled and the internal reference resumes control of
the error amplifier. An internal 2μA pull-up current from
INTVCC on this pin allows a capacitor to program output
voltage slew rate. This pin is pulled to ground with a 300Ω
MOSFETduringshutdownandfaultconditions;useaseries
resistor if driving from a low impedance output. There is
no TR/SS pin in the LT8608 DFN or LT8608B and the node
is internally floated.
PG: The PG pin is the open-drain output of an internal
comparator. PG remains low until the FB pin is within
±8.5% of the final regulation voltage, and there are no fault
conditions. PG is valid when VIN is above 3.2V, regardless
of EN/UV pin state.
VIN: The VIN pin supplies current to the LT8608 internal
circuitry and to the internal topside power switch. This pin
must be locally bypassed. Be sure to place the positive
terminal of the input capacitor as close as possible to the
VIN pins, and the negative capacitor terminal as close as
possible to the GND pins.
EN/UV: The LT8608 is shut down when this pin is low and
active when this pin is high. The hysteretic threshold volt-
age is 1.05V going up and 1.00V going down. Tie to VIN
if the shutdown feature is not used. An external resistor
divider from VIN can be used to program a VIN threshold
below which the LT8608 will shut down.
GND: Exposed Pad Pin. The exposed pad must be con-
nected to the negative terminal of the input capacitor and
solderedtothePCBinordertolowerthethermalresistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com