Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8608
Description  42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8608 Datasheet(HTML) 3 Page - Linear Technology

  LT8608 Datasheet HTML 1Page - Linear Technology LT8608 Datasheet HTML 2Page - Linear Technology LT8608 Datasheet HTML 3Page - Linear Technology LT8608 Datasheet HTML 4Page - Linear Technology LT8608 Datasheet HTML 5Page - Linear Technology LT8608 Datasheet HTML 6Page - Linear Technology LT8608 Datasheet HTML 7Page - Linear Technology LT8608 Datasheet HTML 8Page - Linear Technology LT8608 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT8608/LT8608B
3
Rev C
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. Absolute Maximum Ratings are those values beyond
which the life of a device may be impaired.
Note 2: The LT8608E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LT8608I is guaranteed over the full –40°C to 125°C operating junction
temperature range. The LT8608H is guaranteed over the full –40°C to
150°C operating junction temperature range. High junction temperatures
degrade operating lifetimes. Operating lifetime is derated at junction
temperatures greater than 125°C.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during overload conditions. Junction temperature will
exceed 150°C when overtemperature protection is active. Continuous
operation above the specified maximum operating junction temperature
will reduce lifetime.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Feedback Reference Voltage
MSOP Package
VIN = 6V, ILOAD = 100mA
VIN = 6V, ILOAD = 100mA
l
0.774
0.762
0.778
0.778
0.782
0.798
V
V
DFN Package
VIN = 6V, ILOAD = 100mA
VIN = 6V, ILOAD = 100mA
l
0.773
0.753
0.778
0.778
0.783
0.803
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 40V
l
±0.02
±0.06
%/V
Feedback Pin Input Current
VFB = 1V
l
±20
nA
Minimum On-Time
ILOAD = 1A, SYNC = 0V or LT8608 DFN
ILOAD = 1A, SYNC = 1.9V or LT8608B DFN
l
l
35
35
65
60
ns
ns
Minimum Off Time
93
130
ns
Oscillator Frequency
MSOP Package
RT = 221k, ILOAD = 500mA
RT = 60.4k, ILOAD = 500mA
RT = 18.2k, ILOAD = 200mA
l
l
l
155
640
1.90
200
700
2.00
245
760
2.10
kHz
kHz
MHz
DFN Package
RT = 221k, ILOAD = 500mA
RT = 60.4k, ILOAD = 500mA
RT = 18.2k, ILOAD = 200mA
l
l
l
130
610
1.85
200
700
2.00
270
790
2.15
kHz
kHz
MHz
Top Power NMOS On-Resistance
ILOAD = 0.5A
350
mΩ
Top Power NMOS Current Limit
l
2.1
2.9
3.9
A
Bottom Power NMOS On-Resistance
230
mΩ
SW Leakage Current
VIN = 36V
l
15
µA
EN/UV Pin Threshold
EN/UV Rising
l
0.99
1.05
1.11
V
EN/UV Pin Hysteresis
50
mV
EN/UV Pin Current
VEN/UV = 2V
l
±20
nA
PG Upper Threshold Offset from VFB
VFB Rising
l
5.0
8.5
13.0
%
PG Lower Threshold Offset from VFB
VFB Falling
l
5.0
8.5
13.0
%
PG Hysteresis
0.5
%
PG Leakage
VPG = 42V
l
±200
nA
PG Pull-Down Resistance
VPG = 0.1V
550
1200
Ω
Sync Low Input Voltage
MSOP Only
l
0.4
0.9
V
Sync High Input Voltage
INTVCC = 3.5V, MSOP Only
l
2.7
3.2
V
TR/SS Source Current
MSOP Only
l
1
2
3
µA
TR/SS Pull-Down Resistance
Fault Condition, TR/SS = 0.1V, MSOP Only
300
900
Ω
Spread Spectrum Modulation
Frequency
VSYNC = 3.3V, MSOP Only
l
0.5
3
6
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com