Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 22 Page - Linear Technology

Part # LT8608
Description  42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8608 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT8608 Datasheet HTML 16Page - Linear Technology LT8608 Datasheet HTML 17Page - Linear Technology LT8608 Datasheet HTML 18Page - Linear Technology LT8608 Datasheet HTML 19Page - Linear Technology LT8608 Datasheet HTML 20Page - Linear Technology LT8608 Datasheet HTML 21Page - Linear Technology LT8608 Datasheet HTML 22Page - Linear Technology LT8608 Datasheet HTML 23Page - Linear Technology LT8608 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT8608/LT8608B
22
Rev C
For more information www.analog.com
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LT8608#packaging for the most recent package drawings.
2.00 ±0.05
(4 SIDES)
2.00 SQ ±0.05
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.55 ±0.05
BOTTOM VIEW—EXPOSED PAD
0.23
REF
0.335
REF
0.335 REF
0.75 ±0.05
1
4
8
5
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DC8MA) DFN 0113 REV Ø
0.23 ±0.05
0.45 BSC
0.25 ±0.05
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.90
REF
0.23
REF
0.85 ±0.05
1.8 REF
1.8 REF
2.60 ±0.05
PACKAGE
OUTLINE
0.45 BSC
PIN 1 NOTCH
R = 0.15
DC8 Package
8-Lead Plastic DFN (2mm × 2mm)
(Reference LTC DWG # 05-08-1939 Rev Ø)
Exposed Pad Variation AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com