Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 19 Page - Linear Technology

Part # LT8608
Description  42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8608 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT8608 Datasheet HTML 15Page - Linear Technology LT8608 Datasheet HTML 16Page - Linear Technology LT8608 Datasheet HTML 17Page - Linear Technology LT8608 Datasheet HTML 18Page - Linear Technology LT8608 Datasheet HTML 19Page - Linear Technology LT8608 Datasheet HTML 20Page - Linear Technology LT8608 Datasheet HTML 21Page - Linear Technology LT8608 Datasheet HTML 22Page - Linear Technology LT8608 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT8608/LT8608B
19
Rev C
For more information www.analog.com
TYPICAL APPLICATIONS
3.3V Step Down
5V Step Down
12V Step Down
C1
0.1µF
C2
4.7µF
C3
1µF
C4
22µF
X7R
1206
C5
10pF
L1
2.2µH
R1
18.2k
R2
1M
R3
309k
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8608
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VIN
3.9V
TO 42V
POWER
GOOD
fSW = 2MHz
L1 = XFL4020-222ME
VOUT
3.3V
1.5A
8608 TA03
C1
0.1µF
C2
4.7µF
C3
1µF
C4
22µF
X7R
1206
C5
10pF
L1
2.2µH
R1
18.2k
R2
1M
R3
187k
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8608
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VIN
5.6V
TO 42V
POWER
GOOD
fSW = 2MHz
L1 = XFL4020-222ME
VOUT
5V
1.5A
8608 TA04
C1
0.1µF
C2
4.7µF
C3
1µF
C4
22µF
X7R
1210
C5
10pF
L1
10µH
R1
40.2k
R2
1M
R3
69.8k
R4
100k
C6
10nF
VIN
EN/UV
SYNC
LT8608
INTVCC
TR/SS
RT
GND
FB
PG
SW
BST
VIN
12.7V
TO 42V
POWER
GOOD
FSW = 1MHz
L1 = XAL4040-103ME
VOUT
12V
1.5A
8608 TA05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com