Electronic Components Datasheet Search
  English  ▼

X  

LT8608 Datasheet(PDF) 12 Page - Linear Technology

Part # LT8608
Description  42V, 1.5A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8608 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT8608 Datasheet HTML 8Page - Linear Technology LT8608 Datasheet HTML 9Page - Linear Technology LT8608 Datasheet HTML 10Page - Linear Technology LT8608 Datasheet HTML 11Page - Linear Technology LT8608 Datasheet HTML 12Page - Linear Technology LT8608 Datasheet HTML 13Page - Linear Technology LT8608 Datasheet HTML 14Page - Linear Technology LT8608 Datasheet HTML 15Page - Linear Technology LT8608 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
LT8608/LT8608B
12
Rev C
For more information www.analog.com
APPLICATIONS INFORMATION
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistor
values according to:
R1= R2
V
OUT
0.778V
– 1
⎛
⎝
⎜
⎞
⎠
⎟
1% resistors are recommended to maintain output volt-
age accuracy.
The total resistance of the FB resistor divider should be
selected to be as large as possible when good low load
efficiency is desired: The resistor divider generates a small
load on the output, which should be minimized to optimize
the quiescent current at low loads.
WhenusinglargeFBresistors,a10pFphaseleadcapacitor
should be connected from VOUT to FB.
Setting the Switching Frequency
The LT8608 uses a constant frequency PWM architecture
that can be programmed to switch from 200kHz to 2.2MHz
by using a resistor tied from the RT pin to ground. A table
showing the necessary RT value for a desired switching
frequency is in Table 1. When in spread spectrum modu-
lation mode, the frequency is modulated upwards of the
frequency set by RT.
Table 1. SW Frequency vs RT Value
fSW (MHz)
RT (kΩ)
0.2
221
0.300
143
0.400
110
0.500
86.6
0.600
71.5
0.700
60.4
0.800
52.3
0.900
46.4
1.000
40.2
1.200
33.2
1.400
27.4
1.600
23.7
1.800
20.5
2.000
18.2
2.200
16.2
Operating Frequency Selection and Trade-Offs
Selection of the operating frequency is a trade-off between
efficiency, component size, and input voltage range. The
advantageofhighfrequencyoperationisthatsmallerinduc-
tor and capacitor values may be used. The disadvantages
are lower efficiency and a smaller input voltage range.
The highest switching frequency (fSW(MAX)) for a given
application can be calculated as follows:
f
SW (MAX ) =
V
OUT + VSW (BOT )
t
ON(MIN) VIN – VSW ( TOP ) + VSW (BOT )
(
)
where VIN is the typical input voltage, VOUT is the output
voltage, VSW(TOP) and VSW(BOT) are the internal switch
drops (~0.55V, ~0.35V, respectively at max load) and
tON(MIN) is the minimum top switch on-time (see Electrical
Characteristics). This equation shows that slower switch-
ing frequency is necessary to accommodate a high VIN/
VOUT ratio.
For transient operation VIN may go as high as the Abs Max
rating regardless of the RT value, however the LT8608
will reduce switching frequency as necessary to maintain
control of inductor current to assure safe operation.
The LT8608 is capable of maximum duty cycle approach-
ing 100%, and the VIN to VOUT dropout is limited by the
RDS(ON) of the top switch. In this mode the LT8608 skips
switch cycles, resulting in a lower switching frequency
than programmed by RT.
For applications that cannot allow deviation from the pro-
grammed switching frequency at low VIN/VOUT ratios use
the following formula to set switching frequency:
V
IN(MIN) =
V
OUT + VSW (BOT )
1– f
SW • tOFF(MIN)
– V
SW (BOT ) + VSW ( TOP )
where VIN(MIN) is the minimum input voltage without
skipped cycles, VOUT is the output voltage, VSW(TOP) and
VSW(BOT) are the internal switch drops (~0.55V, ~0.35V,
respectively at max load), fSW is the switching frequency
(set by RT), and tOFF(MIN) is the minimum switch off-time.
Note that higher switching frequency will increase the
minimuminputvoltagebelowwhichcycleswillbedropped
to achieve higher duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com