Electronic Components Datasheet Search
  English  ▼

X  

LTC7149 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC7149 Datasheet HTML 2Page - Linear Technology LTC7149 Datasheet HTML 3Page - Linear Technology LTC7149 Datasheet HTML 4Page - Linear Technology LTC7149 Datasheet HTML 5Page - Linear Technology LTC7149 Datasheet HTML 6Page - Linear Technology LTC7149 Datasheet HTML 7Page - Linear Technology LTC7149 Datasheet HTML 8Page - Linear Technology LTC7149 Datasheet HTML 9Page - Linear Technology LTC7149 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC7149
6
7149fa
For more information www.linear.com/LTC7149
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Frequency/Period
vs RT
Switching Frequency
vs Temperature
Start-Up Waveform
Discontinuous Conduction Mode
Operation
Continuous Conduction Mode
Operation
Run Rising Threshold
vs Temperature
RT RESISTOR (k)
0
0.5
350
7149 G10
0
150 200
50
100
300
250
3.0
1.0
1.5
2.0
2.5
1000
500
0
3500
1500
2000
2500
3000
FREQUENCY
PERIOD
TEMPERATURE (°C)
–55
990
125
7149 G11
985
–15
–35
5
45
25
65
105
85
1010
995
1000
1005
TEMPERATURE (°C)
–55
1.185
125
7149 G15
1.180
–15
–35
5
45
25
65
105
85
1.210
1.190
1.195
1.200
1.205
Efficiency vs Load Current,
VOUT– =–5V
Efficiency vs Load Current,
VOUT– =–12V
Maximum Output Current vs
Input Voltage
5ms/DIV
VRUN
2V/DIV
VOUT –
5V/DIV
VPGOOD
5V/DIV
IL
2A/DIV
7149 G12
2µs/DIV
VSW
10V/DIV
IL
1A/DIV
7149 G13
500ns/DIV
VSW
10V/DIV
IL
1A/DIV
7149 G14
VOUT = –3.3V
VOUT = –5V
VOUT = –12V
VIN (V)
0
10
20
30
40
50
60
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
4.0
Maximum Load Current vs. VIN
7149 G16
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
IOUT (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
70
75
80
85
90
95
100
–5VOUT
7149 G17
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 48V
IOUT (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
60
65
70
75
80
85
90
95
100
OUT
7149 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com