Electronic Components Datasheet Search
  English  ▼

X  

LTC7149 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC7149 Datasheet HTML 18Page - Linear Technology LTC7149 Datasheet HTML 19Page - Linear Technology LTC7149 Datasheet HTML 20Page - Linear Technology LTC7149 Datasheet HTML 21Page - Linear Technology LTC7149 Datasheet HTML 22Page - Linear Technology LTC7149 Datasheet HTML 23Page - Linear Technology LTC7149 Datasheet HTML 24Page - Linear Technology LTC7149 Datasheet HTML 25Page - Linear Technology LTC7149 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LTC7149
24
7149fa
For more information www.linear.com/LTC7149
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LTC7149#packaging for the most recent package drawings.
4.00
±0.10
(2 SIDES)
2.50 REF
5.00
±0.10
(2 SIDES)
NOTE:
1. DRAWING PROPOSED TO BE MADE A JEDEC PACKAGE OUTLINE MO-220 VARIATION (WGHD-3).
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION
ON THE TOP AND BOTTOM OF PACKAGE
PIN 1
TOP MARK
(NOTE 6)
0.40
±0.10
27
28
1
2
BOTTOM VIEW—EXPOSED PAD
3.50 REF
0.75
±0.05
R = 0.115
TYP
R = 0.05
TYP
PIN 1 NOTCH
R = 0.20 OR 0.35
× 45° CHAMFER
0.25
±0.05
0.50 BSC
0.200 REF
0.00 – 0.05
(UFD28) QFN 0816 REV C
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.70
±0.05
0.25
±0.05
0.50 BSC
2.50 REF
3.50 REF
4.10
±0.05
5.50
±0.05
2.65
±0.05
3.10
±0.05
4.50
±0.05
PACKAGE OUTLINE
2.65
±0.10
3.65
±0.10
3.65
±0.05
UFD Package
28-Lead Plastic QFN (4mm
× 5mm)
(Reference LTC DWG # 05-08-1712 Rev C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com