Electronic Components Datasheet Search
  English  ▼

X  

LTC7149 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet(HTML) 5 Page - Linear Technology

  LTC7149 Datasheet HTML 1Page - Linear Technology LTC7149 Datasheet HTML 2Page - Linear Technology LTC7149 Datasheet HTML 3Page - Linear Technology LTC7149 Datasheet HTML 4Page - Linear Technology LTC7149 Datasheet HTML 5Page - Linear Technology LTC7149 Datasheet HTML 6Page - Linear Technology LTC7149 Datasheet HTML 7Page - Linear Technology LTC7149 Datasheet HTML 8Page - Linear Technology LTC7149 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTC7149
5
7149fa
For more information www.linear.com/LTC7149
TYPICAL PERFORMANCE CHARACTERISTICS
ISET Voltage Line Regulation
Quiescent Current vs Temperature
Shutdown Current vs VIN
Load Regulation
ISET Current vs Temperature
ISET Current vs VISET
IOUT (A)
0
99
4
7149 G01
98
2
1
3
101
100
FC MODE
Burst Mode Operation
VIN = 24V
VOUT = –5V
TEMPERATURE (°C)
–55
49.7
125
7149 G02
49.5
–15
–35
5
45
25
65
105
85
50.5
49.9
50.1
50.3
VISET
0
47
24
7149 G03
46
4
8
16
12
20
51
48
49
50
VIN = 24V
VIN (V)
0
4.96
60
7149 G04
4.95
10
20
40
30
50
5.01
4.97
4.99
5.00
RISET = 100k
TEMPERATURE (°C)
–55
100
125
7149 G05
0
–15
–35
5
45
25
65
105
85
500
200
300
400
SHUTDOWN
SLEEP
VIN (V)
0
4
60
7149 G06
0
10
20
40
30
50
20
8
12
16
RDS(ON) vs Temperature
Transient Response, CCM
Transient Response, DCM
TEMPERATURE (°C)
–55
40
125
7149 G07
0
–35 –15
65
105
85
5
45
25
200
80
120
160
MTOP
MBOT
VIN = 24V, VOUT = –3.3V
IOUT = 0A to 3A, L = 2.2H, fSW = 1MHz
RITH = 1kΩ, CITH = 2.2nF, CITHP = 100pF
COUT = 2 × 22F + 150F
20µs/DIV
VOUT
AC–COUPLED
100mV/DIV
IL
3A/DIV
ILOAD
3A/DIV
7149 G08
VIN = 24V, VOUT = –3.3V
IOUT = 0.2A to 2A, L = 2.2H, fSW = 1MHz
RITH = 1kΩ, CITH = 2.2nF, CITHP = 100pF
COUT = 2 × 22F + 150F
20µs/DIV
VOUT
AC–COUPLED
100mV/DIV
IL
2A/DIV
ILOAD
2A/DIV
7149 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com