Electronic Components Datasheet Search
  English  ▼

X  

LTC7149 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet(HTML) 4 Page - Linear Technology

  LTC7149 Datasheet HTML 1Page - Linear Technology LTC7149 Datasheet HTML 2Page - Linear Technology LTC7149 Datasheet HTML 3Page - Linear Technology LTC7149 Datasheet HTML 4Page - Linear Technology LTC7149 Datasheet HTML 5Page - Linear Technology LTC7149 Datasheet HTML 6Page - Linear Technology LTC7149 Datasheet HTML 7Page - Linear Technology LTC7149 Datasheet HTML 8Page - Linear Technology LTC7149 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC7149
4
7149fa
For more information www.linear.com/LTC7149
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Transient absolute maximum voltages should not be applied for
more than 4% of the switching duty cycle.
Note 3: Minimum On-time considerations need to be taken into account
when regulating to an output voltage close to zero. Refer to minimum on-
time section in Operations for more details.
Note 4: The LTC7149 is tested under pulsed load conditions such
that TJ ≈TA. The LTC7149E is guaranteed to meet specifications from
0°C to 85°C junction temperature. Specifications over the –40°C to
125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC7149I is guaranteed over the full –40°C to 125°C operating junction
temperature range. Note that the maximum ambient temperature
consistent with these specifications is determined by specific operating
conditions in conjunction with board layout, the rated package thermal
impedance and other environmental factors.
Note 5: The quiescent current in FC mode does not include switching loss
of the power FETs.
Note 6: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPGOOD
PGOOD Delay
PGOOD Low to High
PGOOD High to Low
16
64
Switch
Cycles
Switch
Cycles
VVINREG
Input Voltage Regulation Voltage (VINREG + |VOUT–|)
l
1.85
2
2.15
V
IVINREG
VINREG Leakage Current
0
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com