Electronic Components Datasheet Search
  English  ▼

X  

LTC7149 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC7149 Datasheet HTML 4Page - Linear Technology LTC7149 Datasheet HTML 5Page - Linear Technology LTC7149 Datasheet HTML 6Page - Linear Technology LTC7149 Datasheet HTML 7Page - Linear Technology LTC7149 Datasheet HTML 8Page - Linear Technology LTC7149 Datasheet HTML 9Page - Linear Technology LTC7149 Datasheet HTML 10Page - Linear Technology LTC7149 Datasheet HTML 11Page - Linear Technology LTC7149 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTC7149
8
7149fa
For more information www.linear.com/LTC7149
FUNCTIONAL DIAGRAM
+–
+
–
+
–
–
+
0A
SVOUT–
VOUT–
GND
INTVCC
EXTVCC
RT
MODE/SYNC
BOOST
BUCK LOGIC
AND
GATEDRIVE
VIN
SW
PGDFB
PGOOD
VINREG
RUN
2V
ISET
VOUTSNS
ITH
LEVEL
SHIFT
OSC
PGOOD
LOGIC
1/50k
LDO
CLK
PEAK-CURRENT
COMPARATOR
REVERSE
COMPARATOR
INTVCC
50µA
7149 BD
VIN
SVOUT–
SVOUT–
100k
SVOUT–
SVOUT–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com