Electronic Components Datasheet Search
  English  ▼

X  

LTC7149 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC7149 Datasheet HTML 12Page - Linear Technology LTC7149 Datasheet HTML 13Page - Linear Technology LTC7149 Datasheet HTML 14Page - Linear Technology LTC7149 Datasheet HTML 15Page - Linear Technology LTC7149 Datasheet HTML 16Page - Linear Technology LTC7149 Datasheet HTML 17Page - Linear Technology LTC7149 Datasheet HTML 18Page - Linear Technology LTC7149 Datasheet HTML 19Page - Linear Technology LTC7149 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTC7149
16
7149fa
For more information www.linear.com/LTC7149
above board GND. In a typical application where the GND
and VOUTSNS pins are tied directly to the board GND, it
would violate the ABSMAX specification of those pins and
potentially cause damage to the IC. To prevent damage in
this case, connect a 100Ω resistor between the VOUTSNS
pin to board GND, and a 20Ω resistor between the GND
pin to board GND.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual power losses to de-
termine what is limiting the efficiency and which change
would produce the most improvement. Percent efficiency
can be expressed as:
% Efficiency = 100% – (P1 + P2 + P3 +…)
where P1, P2, etc. are the individual losses as a percentage
of input power. Although all dissipative elements in the
circuitproducelosses,threemainsourcesusuallyaccount
for most of the losses in LTC7149 circuits: 1) I2R losses,
2) switching and biasing losses, 3) other losses.
1. I2R losses are calculated from the DC resistances of
the internal switches, RSW, and external inductor, RL.
In continuous mode, the average output current flows
through inductor L but is “chopped” between the
internal top and bottom power MOSFETs. Thus, the
series resistance looking into the SW pin is a function
of both top and bottom MOSFET RDS(ON) and the duty
cycle (D) as follows:
RSW = (RDS(ON)TOP)(D) + (RDS(ON)BOT)(1 – D)
APPLICATIONS INFORMATION
TheRDS(ON)forboththetopandbottomMOSFETscanbe
obtained from the Typical Performance Characteristics
curves. Thus to obtain I2R losses:
I2R losses = IOUT2(RSW + RL)
2. The switching current is the sum of the MOSFET driver
and control currents. The power MOSFET driver cur-
rent results from switching the gate capacitance of
the power MOSFETs. Each time a power MOSFET gate
is switched from low to high to low again, a packet of
charge dQ moves from VIN to ground. The resulting dQ/
dt is a current out of VIN that is typically much larger
than the DC control bias current. In continuous mode:
IGATECHG = f(QT + QB)
where QT and QB are the gate charges of the internal
top and bottom power MOSFETs and f is the switching
frequency. The power loss is thus:
Switching Loss = IGATECHG • VIN
The gate charge loss is a function of current through
the INTVCC pin as well as frequency. Thus, their effects
will be more pronounced in application with high LDO
supply voltages (either EXTVCC or VIN) and higher
frequencies.
3. Other “hidden” losses such as transition loss and cop-
per trace and internal load resistances can account for
additional efficiency degradations in the overall power
system. It is very important to include these “system”
level losses in the design of a system. Transition loss
arises from the brief amount of time the top power
MOSFET spends in the saturated region during switch
node transitions. The LTC7149 internal power devices
switch quickly enough that these losses are not signifi-
cant compared to other sources. Other losses including
diodeconductionlossesduringdead-timeandinductor
core losses which generally account for less than 2%
total additional loss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com