Electronic Components Datasheet Search
  English  ▼

X  

LTC7149 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet(HTML) 3 Page - Linear Technology

  LTC7149 Datasheet HTML 1Page - Linear Technology LTC7149 Datasheet HTML 2Page - Linear Technology LTC7149 Datasheet HTML 3Page - Linear Technology LTC7149 Datasheet HTML 4Page - Linear Technology LTC7149 Datasheet HTML 5Page - Linear Technology LTC7149 Datasheet HTML 6Page - Linear Technology LTC7149 Datasheet HTML 7Page - Linear Technology LTC7149 Datasheet HTML 8Page - Linear Technology LTC7149 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC7149
3
7149fa
For more information www.linear.com/LTC7149
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Supply Operating Voltage Range
3.4
60 – |VOUT–|
V
VOUT–
Output Operating Voltage Range
(Note 3)
–28V
–0.05
V
IVIN
Input Quiescent Current
Shutdown Mode; VRUN = 0V
Burst Mode Operation
FC Mode (Note 5)
18
440
1.4
30
600
2.5
µA
µA
mA
IISET
Reference Current
VISET + |VOUT–| = 3.3V
l
49.6
49.4
50
50
50.4
50.6
µA
µA
∆VOUT(LOAD+LINE) Output Voltage Load + Line Regulation
l
0.1
0.5
%
VEA(OFFSET)
Error Amp Input Offset
VISET = 3.3V
–5
5
mV
gm (EA)
Error Amplifier Transconductance
VITH + |VOUT–| = 0.7V,
VOUT– = –3.3V
400
550
700
µS
ILSW
Topside NMOS Switch Leakage
0.1
1
µA
RSW
Resistance to VOUT–
0.5
1
1.5
MΩ
RDS(ON)
Topside NMOS On-Resistance
Bottom Side NMOS On-Resistance
110
50
m
m
tON(MIN)
Minimum On-Time
60
ns
VRUN
RUN Input Rising
RUN Hysteresis
l
1.08
1.2
120
1.32
V
mV
IRUN
RUN Input Current
VRUN = 12V
0
10
nA
VMODE/SYNC
Burst Mode Operation
FC Mode
VMODE/SYNC = 0V
1.2
0.4
V
V
IMODE/SYNC
MODE/SYNC Input Current
VMODE/SYNC = 0V
–8
–5
µA
ILIM
Peak Current Limit
l
5.7
5.4
6
6
6.3
6.6
A
A
VUVLO
VINTVCC + |VOUT–| Undervoltage Lockout
VIN Rising
l
2.4
2.65
2.9
V
VUVLO(HYS)
VINTVCC + |VOUT–| Undervoltage Lockout
Hysteresis
200
mV
VOVLO
VIN Overvoltage Lockout Rising (VIN + |VOUT–|)
64
68
V
VOVLO(HYS)
VIN Overvoltage Lockout Hysteresis
2
4
V
fOSC
Oscillator Frequency
RT = 100k
l
0.92
1
1.08
MHz
fSYNC
SYNC Capture Range
% of Programmed Frequency
50
150
%
VINTVCC
VINTVCC LDO Output Voltage (VINTVCC + |VOUT–|) VIN > 3.6V, VEXTVCC + |VOUT–| = 0V
VIN > 5.0V, VEXTVCC + |VOUT–| > 3.2V
3.25
2.85
3.45
3
3.65
3.15
V
V
VEXTVCC
EXTVCC Switchover Voltage
VEXTVCC + |VOUT–|
l
3.1
3.25
3.15
3.2
V
V
RVOUTSNS
VOUTSNS Resistance to SVOUT–
80
100
120
kΩ
IPGDFB
PGDFB Leakage Current
VPGDFB = 0.6V
0
100
nA
OVPGDFB
Output Overvoltage PGOOD Upper Threshold
VPGFB + |VOUT–| Rising
0.63
0.645
0.66
V
UVPGDFB
Output Undervoltage PGOOD Lower Threshold
VPGFB + |VOUT–| Falling
0.54
0.555
0.57
V
∆VPGDFB
PGOOD Hysteresis
10
mV
RPGOOD
PGOOD Pull-Down Resistance
550
IPGOOD(LEAK)
PGOOD Leakage Current
VPGOOD = 3.3V
100
nA
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. (Note 2) VIN = 24V, VEXTVCC = 0V unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com