Electronic Components Datasheet Search
  English  ▼

X  

LTC7149 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC7149 Datasheet HTML 5Page - Linear Technology LTC7149 Datasheet HTML 6Page - Linear Technology LTC7149 Datasheet HTML 7Page - Linear Technology LTC7149 Datasheet HTML 8Page - Linear Technology LTC7149 Datasheet HTML 9Page - Linear Technology LTC7149 Datasheet HTML 10Page - Linear Technology LTC7149 Datasheet HTML 11Page - Linear Technology LTC7149 Datasheet HTML 12Page - Linear Technology LTC7149 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC7149
9
7149fa
For more information www.linear.com/LTC7149
OPERATION
The LTC7149 is a current mode monolithic step-down
regulator. The accurate 50 A bias current on the ISET
pin allows the user to program the output voltage in a
unity-gain buffer fashion with just one external resistor,
RSET, from the ISET pin to VOUT–. The output voltage is
set such that:
VOUT– = –50A • RSET
The LTC7149 operates through a wide VIN range, and its
frequency can be programmed to a wide range with the RT
resistor. To suit a variety of applications, the MODE/SYNC
pin allows the user to trade off output ripple for efficiency.
Main Control Loop
In normal operation, the internal top power MOSFET is
turned on at the beginning of a clock pulse. The inductor
current is allowed to ramp up to a peak level. Once that
level is reached, the top power switch is turned off and
the bottom switch is turned on until the next clock cycle.
The peak inductor current is determined by sensing the
voltagedropacrosstheSWandVINnodesofthetoppower
MOSFET. The voltage on the ITH pin sets the comparator
threshold corresponding to inductor peak current. The
error amplifier, EA, adjusts this ITH voltage by comparing
the differential VOUTSNS voltage to VOUT– with the voltage
on ISET. In the typical application where the VOUTSNS pin
is tied to GND, if the load current into VOUT– increases, it
causes an increase in VISET with respect to VOUTSNS. This
causes the ITH voltage to rise until the current into VOUT–
provided by the regulator matches that of the load current.
Low Current Operation
Burst Mode operation can be selected by connecting the
MODE/SYNC pin to GND. In this mode, the LTC7149 will
automatically transition from continuous mode operation
to Burst Mode operation when the load current is low. A
reversecurrentcomparatorlooksatthevoltageacrossSW
to GND and turns off the bottom power MOSFET when
that voltage difference approaches zero. This prevents the
inductor current from going negative. An internal burst
clamp is set to be approximately 1A, which means that in
Burst Mode, the peak inductor current will never go below
1A regardless of what the ITH voltage demands the peak
current to be. As a result, when the load is low enough,
VOUTSNS will rise relative to VISET because the average
programmed inductor current is above the load current,
thus driving VITH low. Once the ITH voltage is driven below
an internal threshold (~400mV), the switching regulator
will enter its sleep mode and wait for VOUT to drop and
VITH to rise above the threshold before it starts to switch
again. During sleep mode, the quiescent current of the
part is reduced to 440µA to conserve input power. The
LTC7149 is designed to operate with single burst pulse
behavior to minimize output voltage ripple while keeping
the efficiency high at light loads. Lastly, if at any point
the top power MOSFET is on for roughly 8 consecutive
cycles, the part will turn on the bottom power MOSFET
for a brief duration such that the BOOST capacitor can
be replenished.
Forced Continuous Mode Operation
Floating the MODE/SYNC pin defaults the LTC7149 into
forced continuous mode operation. In this mode, the part
switches continuously regardless of load current, and the
inductor peak current is allowed to decrease to approxi-
mately–1Atoallowforsignificantnegativeaveragecurrent.
High Duty Cycle/Dropout Operation
As the input voltage decreases towards the desired output
voltage, the duty cycle will increase towards 100%. How-
ever, given the architecture, there are two restrictions that
prevent the LTC7149 from operating in full dropout mode.
The first restriction is due to how the ISET voltage is
programmed. If a resistor is placed between ISET and
VOUT– to set the output voltage, the 50µA of current out
of the ISET pin is only guaranteed to be accurate when
VISET is more than 500mV below VIN. As the input volt-
age drops below that 500mV threshold, the ISET current
will decrease, thus limiting the programmed voltage.
Typically, VISET will never get within 300mV of VIN. Since
VISET programs VOUT–, this limitation essentially enforces
a maximum duty cycle for the switcher. This limitation
can be overcome if an accurate external supply is used
to drive the ISET pin directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com