Electronic Components Datasheet Search
  English  ▼

X  

LTC7149 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC7149
Description  60V, 4A Synchronous Step-Down Regulator for Inverting Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7149 Datasheet(HTML) 1 Page - Linear Technology

  LTC7149 Datasheet HTML 1Page - Linear Technology LTC7149 Datasheet HTML 2Page - Linear Technology LTC7149 Datasheet HTML 3Page - Linear Technology LTC7149 Datasheet HTML 4Page - Linear Technology LTC7149 Datasheet HTML 5Page - Linear Technology LTC7149 Datasheet HTML 6Page - Linear Technology LTC7149 Datasheet HTML 7Page - Linear Technology LTC7149 Datasheet HTML 8Page - Linear Technology LTC7149 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC7149
1
7149fa
For more information www.linear.com/LTC7149
TYPICAL APPLICATION
FEATURES
DESCRIPTION
The LTC®7149 is a high efficiency 60V, 4A synchronous
monolithic step-down regulator for inverting output
applications. The regulator features a single resistor-
programmable output voltage and high efficiency over a
wide VOUT range.
The inverting regulator operates from an input voltage
range of 3.4V to 60V and provides an adjustable output
from (–28V) to zero volts while delivering up to 4A of
inductor current. The switching frequency is also set
with an external resistor. A user-selectable mode input is
provided to allow the user to trade off ripple noise for ef-
ficiency at light loads; Burst Mode operation provides the
highest efficiency at light loads, while forced continuous
mode provides low output ripple. The MODE/SYNC pin
can also be used to synchronize the switching frequency
to an external clock. Internal level-shift circuits allow the
I/O pins (RUN, MODE/SYNC, PGOOD) to be referenced
to board GND.
The LTC7149 operates with a peak current mode architec-
ture that allows for fast transient response with inherent
cycle-to-cycle current limit protection.
APPLICATIONS
n
Wide VIN Range: 3.4V to 60V
n
Wide VOUT Range: 0V to –28V
n
Single Resistor VOUT Programming
n
Integrated 110m Top N-Channel/50m Bottom
N-Channel MOSFETs
n
Regulated IQ: 440µA, Shutdown IQ: 15µA
n
Board GND Referenced I/O Pins (RUN, PGOOD,
MODE/SYNC)
n
Accurate Resistor Programmable
Frequency (300kHz to 3MHz) with ±50%
Frequency SyncRange
n
92% Efficiency with 12 VIN and –5VOUT
n
±0.8% Output Voltage Accuracy
n
Peak Current Mode Operation
n
Burst Mode® Operation, Forced Continuous Mode
n
Programmable Soft-Start
n
Overtemperature Protection
n
Available in 28-Lead (4mm x 5mm) QFN and
TSSOPPackages
n
Industrial Applications
n
Telecom Power Supplies
n
Distributed Power Systems
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 5481178, 5705919, 5847554, 6580258.
VIN = 12V
VIN = 24V
IOUT (A)
0
0.5
1
1.5
2
2.5
3
3.5
4
70
75
80
85
90
95
100
Efficiency with VOUT = –5V
7149 TA01b
Efficiency with VOUT = –5V
VOUT–
–5V
3.3A
+
LTC7149
7149 TA01
RUN
VIN
GND
ITH
INTVCC
SW
VOUTSNS
VOUT–
SVOUT–
BOOST
MODE/SYNC
ISET
RT
22µF
22µF × 2
2.2µF
0.1µF
100k
10nF
0.1µF
200k
6.8µH
VIN
24V
1k
4.7nF
100pF
fSW = 500kHz
150F
60V, 4A Synchronous
Step-Down Regulator for
Inverting Outputs


Similar Part No. - LTC7149

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7103 LINER-LTC7103 Datasheet
1Mb / 32P
Low IQ, 60V, High Frequency Synchronous Step-Down Controller
LTC7103 LINER-LTC7103 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Analog Devices
LTC7103 AD-LTC7103 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
LTC7103 AD-LTC7103 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
LTC7103 AD-LTC7103 Datasheet
2Mb / 48P
Quad-Phase, Synchronous Bidirectional Buck or Boost Controller
More results

Similar Description - LTC7149

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3414 LINER-LTC3414 Datasheet
447Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
4A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3414IFE LINER-LTC3414IFE Datasheet
261Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
4A, 6V Synchronous Step-Down Switching Regulator
logo
Linear Technology
LTC3414EFE LINER-LTC3414EFE Datasheet
284Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
LTC3414 LINER-LTC3414_15 Datasheet
278Kb / 16P
4A, 4MHz, Monolithic Synchronous Step-Down Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
4A Synchronous Step-Down Regulator
SC286 SEMTECH-SC286 Datasheet
1Mb / 20P
Dual Channel 4A Synchronous Step-Down Regulator
logo
Linear Technology
LTC3649 LINER-LTC3649 Datasheet
500Kb / 26P
60V, 4A Synchronous Step-Down Regulator with Rail-to-Rail Programmable Output
logo
Microsemi Corporation
LX7180A MICROSEMI-LX7180A Datasheet
581Kb / 25P
4A Step-Down Regulator
June 2015 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com