Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM2886
Description  SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2886 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM2886 Datasheet HTML 2Page - Linear Technology LTM2886 Datasheet HTML 3Page - Linear Technology LTM2886 Datasheet HTML 4Page - Linear Technology LTM2886 Datasheet HTML 5Page - Linear Technology LTM2886 Datasheet HTML 6Page - Linear Technology LTM2886 Datasheet HTML 7Page - Linear Technology LTM2886 Datasheet HTML 8Page - Linear Technology LTM2886 Datasheet HTML 9Page - Linear Technology LTM2886 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LTM2886
6
2886fb
For more information www.linear.com/LTM2886
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Logic
Maximum Data Rate
DI1
→ O1, Ix → DOx, CL = 15pF (Note 3)
l
10
MHz
tPHL, tPLH Propagation Delay
CL = 15pF (Figure 1)
l
35
60
100
ns
tR
Rise Time
CL = 15pF (Figure 1)
LTM2886-I, DO2, CL = 15pF (Figure 1)
l
l
3
20
12.5
35
ns
ns
tF
Fall Time
CL = 15pF (Figure 1)
LTM2886-I, DO2, CL = 15pF (Figure 1)
l
l
3
20
12.5
35
ns
ns
SPI
Maximum Data Rate
Bidirectional Communication (Note 3)
Unidirectional Communication (Note 3)
l
l
4
8
MHz
MHz
tPHL, tPLH Propagation Delay
CL = 15pF (Figure 1)
l
35
60
100
ns
tPWU
Output Pulse Width Uncertainty
SDO, SDI2, CS2 (Note 2)
±50
ns
tR
Rise Time
CL = 15pF (Figure 1)
l
3
12.5
ns
tF
Fall Time
CL = 15pF (Figure 1)
l
3
12.5
ns
tPZH, tPZL Output Enable Time
SDOE =
↓, RL = 1kΩ, CL = 15pF (Figure 2)
l
50
ns
tPHZ, tPLZ Output Disable Time
SDOE =
↑, RL = 1kΩ, CL = 15pF (Figure 2)
l
50
ns
I2C
Maximum Data Rate
(Note 3)
l
400
kHz
tPHL, tPLH Propagation Delay
SCL
→ SCL2, CL = 15pF (Figure 1)
SDA
→ SDA2, RL = Open, CL = 15pF (Figure 3)
SDA2
→ SDA, RL = 1.1kΩ, CL = 15pF (Figure 3)
l
l
l
150
150
300
225
250
500
ns
ns
ns
tPWU
Output Pulse Width Uncertainty
SDA, SDA2 (Note 2)
±50
ns
tHD;DAT
Data Hold Time
(Note 2)
600
ns
tR
Rise Time
SDA2, CL = 200pF (Figure 3)
SDA, RL = 1.1kΩ CL = 200pF (Figure 3)
SCL2, CL = 200pF (Figure 1)
l
l
l
40
40
300
250
250
ns
ns
ns
tF
Fall Time
SDA2, CL = 200pF (Figure 3)
SDA, RL = 1.1kΩ CL = 200pF (Figure 3)
SCL2, CL = 200pF (Figure 1)
l
l
l
40
40
250
250
250
ns
ns
ns
tSP
Pulse Width of Spikes Suppressed
by Input Filter
l
0
50
ns
Power Supply
Power-Up Time
ON =
↑ to VCC2 (Min)
ON =
↑ to V+ (Min)
ON =
↑ to V– (Min)
l
l
l
0.6
0.6
0.6
5
5
5
ms
ms
ms
SWITCHING CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C. LTM2886-3 VCC = 3.3V, LTM2886-5 VCC = 5V, VL = 3.3V, and GND =
GND2 = 0V, ON = VL unless otherwise noted. Specifications apply to all options unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com