Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 8 Page - Linear Technology

Part # LTM2886
Description  SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2886 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTM2886 Datasheet HTML 4Page - Linear Technology LTM2886 Datasheet HTML 5Page - Linear Technology LTM2886 Datasheet HTML 6Page - Linear Technology LTM2886 Datasheet HTML 7Page - Linear Technology LTM2886 Datasheet HTML 8Page - Linear Technology LTM2886 Datasheet HTML 9Page - Linear Technology LTM2886 Datasheet HTML 10Page - Linear Technology LTM2886 Datasheet HTML 11Page - Linear Technology LTM2886 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LTM2886
8
2886fb
For more information www.linear.com/LTM2886
VCC2 Line Regulation
vs Load Current
V+ Line Regulation
vs Load Current
V– Line Regulation
vs Load Current
VCC2 Line Regulation
vs Load Current
V+ Line Regulation
vs Load Current
V– Line Regulation
vs Load Current
V+ Load Regulation
vs Temperature
V– Load Regulation
vs Temperature
VCC2 Load Regulation
vs Temperature
LOAD CURRENT (mA)
0
6.0
3.0
3.5
4.0
4.5
5.0
5.5
2.5
50
25
75 100 125 150 175
2886 G04
200
VCC = 3V
VCC = 3.3V
VCC = 3.6V
LTM2886-3
LOAD CURRENT (mA)
0
6.0
3.5
4.0
4.5
5.0
5.5
2.5
3.0
75
50
25
100
2886 G05
200
175
150
125
VCC = 3V
VCC = 3.3V
VCC = 3.6V
LTM2886-3
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
LOAD CURRENT (mA)
0
150 175
25
50
75 100 125
2886 G06
200
VCC = 3V
VCC = 3.3V
VCC = 3.6V
LTM2886-3
LOAD CURRENT (mA)
0
6.0
3.0
3.5
4.0
4.5
5.0
5.5
2.5
100
50
150
200
250
2886 G07
300
VCC = 4.5V
VCC = 5V
VCC = 5.5V
LTM2886-5
LOAD CURRENT (mA)
0
6.0
3.0
3.5
4.0
4.5
5.0
5.5
2.5
100
50
150
2886 G08
300
250
200
LTM2886-5
VCC = 4.5V
VCC = 5V
VCC = 5.5V
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
LOAD CURRENT (mA)
0
200
50
100
150
250
2886 G09
300
VCC = 4.5V
VCC = 5V
VCC = 5.5V
LTM2886-5
TEMPERATURE (°C)
–50
5.15
5.00
5.10
5.05
4.95
4.85
4.90
50
0
100
2886 G10
125
25
–25
75
ICC2 = 1mA
ICC2 = 100mA
LTM2886-3
VCC = 3.3V
TEMPERATURE (°C)
–50
5.15
5.00
5.10
5.05
4.95
4.85
4.90
50
0
100
2886 G11
125
25
–25
75
I+ = 1mA
I+ = 100mA
LTM2886-3
VCC = 3.3V
TEMPERATURE (°C)
–50
5.15
5.00
5.10
5.05
4.95
4.85
4.90
50
0
100
2886 G12
125
25
–25
75
LTM2886-3
VCC = 3.3V
I– = 1mA
I– = 100mA
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, LTM2886-3 VCC = 3.3V,
LTM2886-5 VCC = 5V, VL = 3.3V, GND = GND2 = 0V, ON = VL unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com