Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 35 Page - Linear Technology

Part # LTM2886
Description  SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2886 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTM2886 Datasheet HTML 30Page - Linear Technology LTM2886 Datasheet HTML 31Page - Linear Technology LTM2886 Datasheet HTML 32Page - Linear Technology LTM2886 Datasheet HTML 33Page - Linear Technology LTM2886 Datasheet HTML 34Page - Linear Technology LTM2886 Datasheet HTML 35Page - Linear Technology LTM2886 Datasheet HTML 36Page - Linear Technology LTM2886 Datasheet HTML 37Page - Linear Technology LTM2886 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
LTM2886
35
2886fb
For more information www.linear.com/LTM2886
TYPICAL APPLICATIONS
LTM2886-5I
5V
SHUTDOWN
ENABLE
SDA
SCLIN
INTERRUPT
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
L7
K6
L8
L6
L1
K1
K2
10k
10k
100k
42.2k
24.9k
ON
DI1
DNC
O1
VL
VCC
GND
SDA
SDA2
GND
SCL
DNC
SCL2
V–
AVCC2
V+
VCC2
DO2
I2
DO1
I1
GND2
1/4 LTC4266
PHY
(NETWORK
PHYSICAL
LAYER
CHIP)
RESET
INT
DETECT
BYP
SDAIN
SCL
AD0
AD1
AD2
AD3
SDAOUT
AUTO
SHDN1 VDD
DGND AGND
VEE
SENSE GATE OUT
Q1: FAIRCHILD IRFM120A OR PHILIPS PHT6NQ10T
FB1, FB2: TDK MPZ2012S601A
T1: PULSE H609NL OR COILCRAFT ETH1-230LD
2886 F29
1µF
SMAJ58A
–48V
0.1µF
0.1µF
0.22µF
0.25
S1B
Q1
S1B
CMPD3003
FB2
RJ45
CONNECTOR
FB1
T1
•
•
•
•
75
75
10nF
10nF
1
2
3
•
•
•
•
75
75
10nF
10nF
4
6
7
8
5
1nF
Figure 29. One Complete Isolated Powered Ethernet Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com