Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM2886
Description  SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2886 Datasheet(HTML) 1 Page - Linear Technology

  LTM2886 Datasheet HTML 1Page - Linear Technology LTM2886 Datasheet HTML 2Page - Linear Technology LTM2886 Datasheet HTML 3Page - Linear Technology LTM2886 Datasheet HTML 4Page - Linear Technology LTM2886 Datasheet HTML 5Page - Linear Technology LTM2886 Datasheet HTML 6Page - Linear Technology LTM2886 Datasheet HTML 7Page - Linear Technology LTM2886 Datasheet HTML 8Page - Linear Technology LTM2886 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LTM2886
1
2886fb
For more information www.linear.com/LTM2886
TYPICAL APPLICATION
FEATURES
DESCRIPTION
SPI/Digital or I2C µModule
Isolator with Fixed ±5V and
Adjustable 5V Regulated Power
The LTM®2886 is a complete galvanic digital µModule®
(micromodule) isolator. No external components are
required. A single 3.3V or 5V supply powers both sides
of the interface through an integrated, isolated DC/DC
converter. A logic supply pin allows easy interfacing with
different logic levels from 1.62V to 5.5V, independent of
the main supply.
Available options are compliant with SPI and I2C (master
mode only) specifications.
The isolated side includes fixed ±5V and 5V adjustable
power supplies, each capable of providing more than
100mA of load current. The 5V adjustable supply may be
programmed via an external voltage divider.
Coupled inductors and an isolation power transformer
provide 2500VRMS of isolation between the input and out-
put logic interface. This device is ideal for systems where
the ground loop is broken, allowing for a large common
mode voltage range. Communication is uninterrupted for
common mode transients greater than 30kV/μs.
L
, LT, LTC, LTM, Linear Technology, the Linear logo and µModule are registered trademarks of
Analog Devices, Inc. All other trademarks are the property of their respective owners.
Isolated 4MHz SPI Interface
APPLICATIONS
n
6-Channel Logic Isolator: 2500VRMS for 1 Minute
n
UL-CSA Recognized
File #E151738
n
Isolated DC Power:
n
3V to 5V Adjustable at Up to 100mA
n
±5V Fixed at Up to 100mA
n
No External Components Required
n
SPI/Digital (LTM2886-S) or I2C (LTM2886-I) Options
n
High Common Mode Transient Immunity: 30kV/μs
n
High Speed Operation:
n
10MHz Digital Isolation
n
4MHz/8MHz SPI Isolation
n
400kHz I2C Isolation
n
3.3V (LTM2886-3) or 5V (LTM2886-5) Operation
n
1.62V to 5.5V Logic Supply
n
±10kV ESD HBM Across the Isolation Barrier
n
Maximum Continuous Working Voltage: 560VPEAK
n
Low Current Shutdown Mode (<10µA)
n
Low Profile (15mm × 11.25mm × 3.42mm) BGA Package
n
Isolated SPI or I2C Interfaces
n
Industrial Systems
n
Test and Measurement Equipment
n
Breaking Ground Loops
LTM2886 Operating Through 50kV/µs CM Transients
2886 TA01a
ON
CS
CS2
LTM2886-5S
VL
VCC
5V
GND
GND2
SDI
SDOE
SDI2
DO2
SCK
SCK2
CS
SDI
SCK
CS
SDI
SCK
V–
AVCC2
V+
VCC2
SDO
SDO2
SDO
SDO
I2
DO1
I1
5V AT 100mA
5V AT 100mA
–5V AT 100mA
20ns/DIV
5V/DIV
200V/DIV
SCK
SD0
SCK2 = SD02
2886 TA01b
REPETITIVE
COMMON MODE
TRANSIENTS
GND2 TO GND


Similar Part No. - LTM2886

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM2886 AD-LTM2886 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM2886 AD-LTM2886 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
LTM2886 AD-LTM2886 Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
LTM2886 AD-LTM2886 Datasheet
671Kb / 18P
Isolated USB Data Transceiver
Rev A
LTM2886 AD-LTM2886 Datasheet
1Mb / 38P
SPI/Digital or I²C μModule Isolator with Fixed ±5V and Adjustable 5V Regulated Power
Rev C
More results

Similar Description - LTM2886

ManufacturerPart #DatasheetDescription
logo
VTI technologies
CMA3000-D01 VTI-CMA3000-D01 Datasheet
201Kb / 4P
3-AXIS ULTRA LOW POWER ACCELEROMETER WITH DIGITAL SPI AND I2C INTERFACE
logo
Linear Technology
LTM2883 LINER-LTM2883 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883_1211 LINER-LTM2883_1211 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883 LINER-LTM2883_15 Datasheet
869Kb / 36P
SPI/Digital or I2C Module Isolator with Adjustable 12.5V and 5V Regulated Power
LTM2892 LINER-LTM2892_15 Datasheet
649Kb / 36P
SPI/Digital or I2C Module Isolator
LTM2887 LINER-LTM2887 Datasheet
591Kb / 38P
SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
SPI/Digital or I2C 關Module Isolator
logo
Maxim Integrated Produc...
MAX20076EVKIT MAXIM-MAX20076EVKIT Datasheet
106Kb / 1P
5V or 3.3V Fixed Output Voltage, or Adjustable Between 1V and 10V
MAX20075EVKIT MAXIM-MAX20075EVKIT Datasheet
108Kb / 1P
5V or 3.3V Fixed Output Voltage, or Adjustable Between 1V and 10V
logo
Analog Devices
LTM2810 AD-LTM2810 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com