Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM2886
Description  SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2886 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM2886 Datasheet HTML 18Page - Linear Technology LTM2886 Datasheet HTML 19Page - Linear Technology LTM2886 Datasheet HTML 20Page - Linear Technology LTM2886 Datasheet HTML 21Page - Linear Technology LTM2886 Datasheet HTML 22Page - Linear Technology LTM2886 Datasheet HTML 23Page - Linear Technology LTM2886 Datasheet HTML 24Page - Linear Technology LTM2886 Datasheet HTML 25Page - Linear Technology LTM2886 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LTM2886
22
2886fb
For more information www.linear.com/LTM2886
Table 2. Bidirectional SPI Timing Event Description
TIME
CPHA
EVENT DESCRIPTION
t0
0, 1
Asynchronous chip select, may be synchronous to SDI but may not lag by more than 3ns. Logic side slave data output
enabled, initial data is not equivalent to slave device data output
t0 to t1, t17 to t18
0, 1
Propagation delay chip select, logic to isolated side, 50ns typical
t1
0, 1
Slave device chip select output data enable
t2
0
Start of data transmission, data set-up
1
Start of transmission, data and clock set-up. Data transition must be within –13ns to 3ns of clock edge
t1 to t3
0, 1
Propagation delay of slave data, isolated to logic side, 50ns typical
t3
0, 1
Slave data output valid, logic side
t2 to t4
0
Propagation delay of data, logic side to isolated side
1
Propagation delay of data and clock, logic side to isolated side
t5
0, 1
Logic side data sample time, half clock period delay from data set-up transition
t5 to t6
0, 1
Propagation delay of clock, logic to isolated side
t6
0, 1
Isolated side data sample time
t8
0, 1
Synchronous data and clock transition, logic side
t7 to t8
0, 1
Data to clock delay, must be ≤13ns
t8 to t9
0, 1
Clock to data delay, must be ≤3ns
t8 to t10
0, 1
Propagation delay clock and data, logic to isolated side
t10, t14
0, 1
Slave device data transition
t10 to t11, t14 to t15
0, 1
Propagation delay slave data, isolated to logic side
t11 to t12
0, 1
Slave data output to sample clock set-up time
t13
0
Last data and clock transition logic side
1
Last sample clock transition logic side
t13 to t14
0
Propagation delay data and clock, logic to isolated side
1
Propagation delay clock, logic to isolated side
t15
0
Last slave data output transition logic side
1
Last slave data output and data transition, logic side
t15 to t16
1
Propagation delay data, logic to isolated side
t17
0, 1
Asynchronous chip select transition, end of transmission. Disable slave data output logic side
t18
0, 1
Chip select transition isolated side, slave data output disabled
APPLICATIONS INFORMATION
Inter-IC Communication (I2C) Bus
The LTM2886-I provides an I2C compatible isolated in-
terface. Clock (SCL) is unidirectional, supporting master
mode only, and data (SDA) is bidirectional. The maximum
data rate is 400kHz which supports fast-mode I2C. Timing
is detailed in Figure 10. The data rate is limited by the slave
acknowledge setup time (tSU;ACK), consisting of the I2C
standardminimumsetuptime(tSU;DAT)of100ns,maximum
clock propagation delay of 225ns, glitch filter and isolated
data delay of 500ns maximum, and the combined isolated
and logic data fall time of 300ns at maximum bus loading.
ThetotalsetuptimereducestheI2Cdataholdtime(tHD;DAT)
toamaximumof175ns,guaranteeingsufficientdatasetup
time (tSU;ACK).
The isolated side bidirectional serial data pin, SDA2,
simplified schematic is shown in Figure 11. An internal
1.8mA current source provides a pull-up for SDA2. Do not
connect any other pull-up device to SDA2. This current
source is sufficient to satisfy the system requirements for
bus capacitances greater than 200pF in FAST mode and
greater than 400pF in STANDARD mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com