Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 38 Page - Linear Technology

Part # LTM2886
Description  SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2886 Datasheet(HTML) 38 Page - Linear Technology

Back Button LTM2886 Datasheet HTML 30Page - Linear Technology LTM2886 Datasheet HTML 31Page - Linear Technology LTM2886 Datasheet HTML 32Page - Linear Technology LTM2886 Datasheet HTML 33Page - Linear Technology LTM2886 Datasheet HTML 34Page - Linear Technology LTM2886 Datasheet HTML 35Page - Linear Technology LTM2886 Datasheet HTML 36Page - Linear Technology LTM2886 Datasheet HTML 37Page - Linear Technology LTM2886 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 38 page
background image
LTM2886
38
2886fb
For more information www.linear.com/LTM2886
LINEAR TECHNOLOGY CORPORATION 2016
LT 0717 REV B • PRINTED IN USA
www.linear.com/LTM2886
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LTM2881
Isolated RS485/RS422 µModule Transceiver with
Integrated DC/DC Converter
20Mbps 2500VRMS Isolation with Power in LGA/BGA Package
LTM2882
Dual Isolated RS232 µModule Transceiver with
Integrated DC/DC Converter
2500VRMS Isolation with Power in LGA/BGA Package
LTM2883
SPI/Digital or I2C µModule Isolator with Integrated
DC/DC Converter
2500VRMS Isolation with Adjustable ±12.5V and 5V Power in BGA Package
LTM2884
Isolated USB Transceiver with Power
2500VRMS, Auto Speed Selection, 1 to 2.5W Isolated Power
LTM2889
Isolated CAN FD µModule Transceiver with Power 4Mbps 2500VRMS Isolation with Power in BGA Package
LTM2892
SPI/Digital or I2C µModule Isolator
3500VRMS Isolation without Power in 9mm × 6.25mm BGA Package
LTC®1535
Isolated RS485 Transceiver
2500VRMS Isolation with External Transformer Drive
LTC4310
Hot-Swappable I2C Isolators
Bidirectional I2C Communication, Low Voltage Level Shifting, 100kHz or
400kHz Operation
LTC6803-1, LTC6803-3,
LTC6803-2, LTC6803-4
Multicell Battery Stack Monitor
LTC6803-1 Allows for Multiple Devices to be Daisy Chained, the LTC6803-2
Allows for Parallel Communication Battery Stack Topologies
14-Bit Isolated High Speed Bipolar ADC
ON
CS
I2
CS2
LTM2886-3S
VL
VCC
GND
SDI
SDI2
SDOE
SCK
3.3V
DO2
SCK2
V–
AVCC2
V+
VCC2
SDO
SDO2
DO1
I1
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
12
15
14
13
16
11
10
9
5
2
3
4
1
6
7
8
L2
L5
L4
L3
L7
10µF
0.1µF
10µF
0.1µF
K6
L8
L6
L1
K1
K4
1µF
µC
OX
MISO
IX
VCC
GND
OY
SCK
2886 TA03
AGND
LTC1417, ADC
±2.048V INPUT RANGE
DGND
BUSY
VREF
CONVST
RD
REFC
SHDN
ECLK
SCLK
VDD
AIN+
VSS
AIN–
CLKO
DOUT
+
+
10µF
0.1µF
1µF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com