Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM2886
Description  SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2886 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM2886 Datasheet HTML 21Page - Linear Technology LTM2886 Datasheet HTML 22Page - Linear Technology LTM2886 Datasheet HTML 23Page - Linear Technology LTM2886 Datasheet HTML 24Page - Linear Technology LTM2886 Datasheet HTML 25Page - Linear Technology LTM2886 Datasheet HTML 26Page - Linear Technology LTM2886 Datasheet HTML 27Page - Linear Technology LTM2886 Datasheet HTML 28Page - Linear Technology LTM2886 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
LTM2886
25
2886fb
For more information www.linear.com/LTM2886
APPLICATIONS INFORMATION
Figure 15. V+ Output Noise Spectral Density Without Filter
Figure 16. V+ Output Noise Spectral Density With Filter
RF, Magnetic Field Immunity
TheisolatorµModuletechnologyusedwithintheLTM2886
hasbeenindependentlyevaluated,andsuccessfullypassed
the RF and magnetic field immunity testing requirements
per European Standard EN 55024, in accordance with the
following test standards:
EN 61000-4-3
Radiated, Radio-Frequency,
Electromagnetic Field Immunity
EN 61000-4-8
Power Frequency Magnetic Field
Immunity
EN 61000-4-9
Pulsed Magnetic Field Immunity
Tests were performed using an unshielded test card de-
signed per the data sheet PCB layout recommendations.
Specific limits per test are detailed in Table 5.
Table 4. EMC Immunity Tests
TEST
FREQUENCY
FIELD STRENGTH
EN 61000-4-3 Annex D
80MHz to 1GHz
10V/m
1.4MHz to 2GHz
3V/m
2GHz to 2.7GHz
1V/m
EN 61000-4-8 Level 4
50Hz and 60Hz
30A/m
EN 61000-4-8 Level 5
60Hz
100A/m*
EN 61000-4-9 Level 5
Pulse
1000A/m
*non IEC method
PCB Layout
The high integration of the LTM2886 makes PCB layout
very simple. However, to optimize its electrical isolation
characteristics, EMI, and thermal performance, some
layout considerations are necessary.
• Under heavily loaded conditions VCC and GND current
can exceed 300mA. Sufficient copper must be used
on the PCB to insure resistive losses do not cause the
supply voltage to drop below the minimum allowed
level. Similarly, the VCC2 and GND2 conductors must
be sized to support any external load current. These
heavy copper traces will also help to reduce thermal
stress and improve the thermal conductivity.
• Input and output supply decoupling is not required,
since these components are integrated within the
package. An additional bulk capacitor with a value of
6.8µF to 22µF is recommended. The high ESR of this
capacitor reduces board resonances and minimizes
voltage spikes caused by hot plugging of the supply
voltage. For EMI sensitive applications, an additional
low ESL ceramic capacitor of 1µF to 4.7µF, placed as
close to the power and ground terminals as possible,
is recommended. Alternatively, a number of smaller
value parallel capacitors may be used to reduce ESL
and achieve the same net capacitance.
• Do not place copper on the PCB between the inner
columns of pads. This area must remain open to
withstand the rated isolation voltage.
• The use of solid ground planes for GND and GND2
is recommended for non-EMI critical applications to
optimize signal fidelity, thermal performance, and to
minimize RF emissions due to uncoupled PCB trace
FREQUENCY (kHz)
0.01
0.1
1
10
0.1
1
0.01
10
100
1000
2886 F15
10000
NO LOAD
LOAD = 50
LTM2886-5
FREQUENCY (kHz)
0.01
0.1
1
10
0.1
1
0.01
10
100
1000
2886 F16
10000
LTM2886-5
LOAD = 50
NO LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com