Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM2886
Description  SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2886 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM2886 Datasheet HTML 15Page - Linear Technology LTM2886 Datasheet HTML 16Page - Linear Technology LTM2886 Datasheet HTML 17Page - Linear Technology LTM2886 Datasheet HTML 18Page - Linear Technology LTM2886 Datasheet HTML 19Page - Linear Technology LTM2886 Datasheet HTML 20Page - Linear Technology LTM2886 Datasheet HTML 21Page - Linear Technology LTM2886 Datasheet HTML 22Page - Linear Technology LTM2886 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
LTM2886
19
2886fb
For more information www.linear.com/LTM2886
• CS to SCK (master sample SDO, 1st SDO valid)
t0 → t1 ≈50ns, CS to CS2 propagation delay
t1 → t1+ Isolated slave device propagation
(response time), asserts SDO2
t1 → t3 ≈50ns, SDO2 to SDO propagation delay
t3 → t5 Set-up time for master SDO to SCK
• SDI to SCK (master data write to slave)
t2 → t4 ≈50ns, SDI to SDI2 propagation delay
t5 → t6 ≈50ns, SCK to SCK2 propagation delay
t2 → t5 ≥50ns, SDI to SCK, separate packet
non-zero set-up time
t4 → t6 ≥50ns, SDI2 to SCK2, separate packet
non-zero set-up time
• SDO to SCK (master sample SDO, subsequent
SDO valid)
t8
set-up data transition SDI and SCK
t8 → t10 ≈50ns, SDI to SDI2 and SCK to SCK2
propagation delay
APPLICATIONS INFORMATION
t10
SDO2 data transition in response to SCK2
t10 → t11 ≈50ns, SDO2 to SDO propagation delay
t11 → t12 Set-up time for master SDO to SCK
Maximum data rate for single direction communication,
master to slave, is 8MHz, limited by the systems encod-
ing/decoding scheme or propagation delay. Timing details
for both variations of clock phase are shown in Figures 8
and 9 and Table 3.
Additional requirements to insure maximum data rate are:
• CS is transmitted prior to (asynchronous) or within
the same (synchronous) data packet as SDI
• SDI and SCK set-up data transition occur within the
same data packet. Referencing Figure 6, SDI can pre-
cede SCK by up to 13ns (t7 → t8) or lag SCK by 3ns
(t8 → t9) and not violate this requirement. Similarly in
Figure 8, SDI can precede SCK by up to 13ns (t4 → t5)
or lag SCK by 3ns (t5 → t6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com