Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 29 Page - Linear Technology

Part # LTM2886
Description  SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM2886 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTM2886 Datasheet HTML 25Page - Linear Technology LTM2886 Datasheet HTML 26Page - Linear Technology LTM2886 Datasheet HTML 27Page - Linear Technology LTM2886 Datasheet HTML 28Page - Linear Technology LTM2886 Datasheet HTML 29Page - Linear Technology LTM2886 Datasheet HTML 30Page - Linear Technology LTM2886 Datasheet HTML 31Page - Linear Technology LTM2886 Datasheet HTML 32Page - Linear Technology LTM2886 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
LTM2886
29
2886fb
For more information www.linear.com/LTM2886
TYPICAL APPLICATIONS
Figure 21. Isolated SPI Device Expansion
2886 F21
ON
CS
I2
CS2
LTM2886-3S
VL
VCC
GND
SDI
SDI2
SDOE
SCK
DO2
SCK2
V–
AVCC2
V+
VCC2
SDO
SDO2
CSA
MOSI
SCK
CSB
MISO
DO1
I1
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B2
L2
L5
L4
L3
L7
K6
L8
L6
L1
K1
K2
74LVC1G123
Rx/Cx Cx
CLR
A
B
Q
3.3V
1µF
1nF
µC
CSA
CSB
MISO
VCC
GND
MOSI
SCK
CSA
CSB
MOSI
SCK
10k
Figure 22. Isolated I2C Buffer with Dual Outputs
2886 F22
ON
DI1
DNC
O1
VL
VCC
GND
SDA
SDA2
GND
SCL
ENABLE
5V
SDA
SCLIN
ALERT
READY
DNC
SCL2
V–
AVCC2
V+
VCC2
DO2
I2
DO1
I1
GND2
A2
A5
A4
A3
A8
A6
B8
A7
A1
B1
B3
L2
L5
L4
L3
L7
K6
L8
L6
10k
L1
K1
K4
ALERT1
ALERT1
LTC4305
SCLIN
ALERT2
ALERT2
SCL2
SCL2
ALERT
SDAIN
SDA2
SDA2
GND
VCC
ADR0
ENABLE
SDA1
SDA1
SCL1
SCL1
READY
ADR2
ADR1
3
1
2
4
5
8
7
6
14
16
15
13
12
9
10
11
10k
LTM2886-5I
10k
10k
0.01µF
10k
10k
10k
10k
10k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com