Electronic Components Datasheet Search
  English  ▼

X  

LTM4615 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4615
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 7Page - Linear Technology LTM4615 Datasheet HTML 8Page - Linear Technology LTM4615 Datasheet HTML 9Page - Linear Technology LTM4615 Datasheet HTML 10Page - Linear Technology LTM4615 Datasheet HTML 11Page - Linear Technology LTM4615 Datasheet HTML 12Page - Linear Technology LTM4615 Datasheet HTML 13Page - Linear Technology LTM4615 Datasheet HTML 14Page - Linear Technology LTM4615 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTM4642
11
4642fb
For more information www.linear.com/LTM4642
operaTion
The LTM4642 is a dual independent input 4A nonisolated
switching mode DC/DC power supply. It can deliver up to
4A(DCcurrent)foreachoutputwithfewexternalinputand
outputcapacitors.Thismoduleprovidespreciselyregulated
output voltages programmable via external resistors from
0.6V to 5.5V over a 4.5V to 20V input voltage range. The
Typical Application schematic is shown in Figure 27. The
input voltage source can operate down to 2.375V with an
external bias applied to the CPWR pin. The external bias
needs to be 5V or higher. See the Typical Applications
schematics for examples.
The LTM4642 has integrated constant on-time valley cur-
rent mode regulators and built-in power MOSFET devices
with fast switching speed. To reduce switching noise, the
two outputs are interleaved with 180° phase internally and
canbesynchronizedexternallyusingtheMODE/PLLINpin.
With current mode control and internal feedback loop
compensation, the LTM4642 module has sufficient stabil-
ity margins and good transient performance with a wide
range of output capacitors, even with all ceramic output
capacitors.
Current mode control provides cycle-by-cycle fast current
limit and current foldback in a short-circuit condition. In-
ternal overvoltage and undervoltage comparators pull the
open-drain PGOOD pins output low if the output feedback
voltage exits a ±7.5% window around the regulation point.
The power good pin is disabled during start-up.
Pulling the RUN pins below 1.2V forces the controller
into its shutdown state, by turning off both MOSFETs.
The TRACK/SS pins are used for programming the output
voltage ramp and voltage tracking during start-up. See the
Applications Information section.
The LTM4642 is internally compensated to be stable over
all operating conditions. LTpowerCAD® is available for
transient and stability analysis. The VFB pins are used to
program the output voltage with a single external resistor
to ground. Multiphase operation can be easily employed
with clock synchronization.
High efficiency at light loads can be accomplished with
selectablediscontinuousmodeusingtheMODE/PLLINpin.
Efficiency graphs are provided for light load operations in
the Typical Performance Characteristics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com