Electronic Components Datasheet Search
  English  ▼

X  

LTM4615 Datasheet(PDF) 23 Page - Linear Technology

Part # LTM4615
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 19Page - Linear Technology LTM4615 Datasheet HTML 20Page - Linear Technology LTM4615 Datasheet HTML 21Page - Linear Technology LTM4615 Datasheet HTML 22Page - Linear Technology LTM4615 Datasheet HTML 23Page - Linear Technology LTM4615 Datasheet HTML 24Page - Linear Technology LTM4615 Datasheet HTML 25Page - Linear Technology LTM4615 Datasheet HTML 26Page - Linear Technology LTM4615 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTM4642
23
4642fb
For more information www.linear.com/LTM4642
applicaTions inForMaTion
Figure 17. 12VIN, 2.5VOUT 1MHz,
No Heat Sink
Figure 18. 12VIN, 2.5VOUT 1MHz,
with Heat Sink
Figure 19. 20VIN, 2.5VOUT 1MHz,
No Heat Sink
Figure 20. 20VIN, 2.5VOUT 1MHz,
with Heat Sink
Figure 21. 12VIN, 5VOUT 1.2MHz,
No Heat Sink
Figure 22. 12VIN, 5VOUT 1.2MHz,
with Heat Sink
Figure 23. 20VIN, 5VOUT 1.2MHz,
No Heat Sink
Figure 24. 20VIN, 5VOUT 1.2MHz,
with Heat Sink
tAMB (°C)
50
2
120
4642 F17
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM
tAMB (°C)
50
2
120
4642 F18
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM
tAMB (°C)
50
2
120
4642 F19
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM
tAMB (°C)
50
2
120
4642 F20
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM
tAMB (°C)
50
2
120
4642 F21
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM
tAMB (°C)
50
2
120
4642 F22
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM
tAMB (°C)
50
2
120
4642 F23
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM
tAMB (°C)
50
2
120
4642 F24
0
70
90
110
60
80
100
9
5
4
3
8
7
6
1
0 LFM
200 LFM
400 LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com