Electronic Components Datasheet Search
  English  ▼

X  

LTM4615 Datasheet(PDF) 17 Page - Linear Technology

Part # LTM4615
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 17 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 13Page - Linear Technology LTM4615 Datasheet HTML 14Page - Linear Technology LTM4615 Datasheet HTML 15Page - Linear Technology LTM4615 Datasheet HTML 16Page - Linear Technology LTM4615 Datasheet HTML 17Page - Linear Technology LTM4615 Datasheet HTML 18Page - Linear Technology LTM4615 Datasheet HTML 19Page - Linear Technology LTM4615 Datasheet HTML 20Page - Linear Technology LTM4615 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LTM4642
17
4642fb
For more information www.linear.com/LTM4642
applicaTions inForMaTion
A 5V output on channel 1 or 2 can be used to power the
EXTVCC pin when the input voltage is at the high end of the
supply range to reduce power dissipation in the module.
For example, the dropout voltage for 20V input would be
20V – 5V = 15V. This 15V headroom then multiplied by
the power MOSFET drive current of ~30mA would equal
~0.45W additional power dissipation. So utilizing a 5V
outputontheEXTVCCwouldimprovedesignefficiencyand
reduce device temperature rise. Otherwise try to operate
CWPR off of a 5V bias when operating at higher supply
voltages. See the Typical Applications section.
Fault Conditions: Current Limit and Overcurrent
Foldback
The LTM4642 has a current mode controller, which inher-
ently limits the cycle-by-cycle inductor current not only in
steady-state operation, but also in transient.
To further limit current in the event of an overload condi-
tion,theLTM4642providesfoldbackcurrentlimiting.Ifthe
output voltage falls by more than 50%, then the maximum
output current is progressively lowered to one-fourth of
its full current limit value. Foldback current limiting is
disabled during soft-start and tracking up.
SW Pins
The SW pins are generally for testing purposes by moni-
toring these pins. These pins can also be used to dampen
out switch node ringing caused by LC parasitic in the
switched current paths. Usually a series R-C combina-
tion is used called a snubber circuit. The resistor will
dampen the resonance and the capacitor is chosen to
only affect the high frequency ringing across the resistor.
If the stray inductance or capacitance can be measured or
approximated then a somewhat analytical technique can
be used to select the snubber values. The inductance is
usually easier to predict. It combines the power path board
inductance in combination with the MOSFET interconnect
bond wire inductance.
First the SW pin can be monitored with a wide bandwidth
scope with a high frequency scope probe. The ring fre-
quency can be measured for its value. The impedance Z
can be calculated:
Z(L) = 2πfL,
where f is the resonant frequency of the ring, and L is the
total parasitic inductance in the switch path. If a resistor
is selected that is equal to Z, then the ringing should be
dampened. The snubber capacitor value is chosen so that
its impedance is equal to the resistor at the ring frequency.
Calculated by: Z(C) = 1/(2πfC). These values are a good
place to start with. Modification to these components
should be made to attenuate the ringing with the least
amount of power loss.
Thermal Considerations and Output Current Derating
Indifferentapplications,theLTM4642operatesinavariety
of thermal environments. The maximum output current is
limited by the environmental thermal condition. Sufficient
cooling should be provided to ensure reliable operation.
When the cooling is limited, proper output current derat-
ing is necessary, considering the ambient temperature,
airflow,input/outputconditions,andtheneedforincreased
reliability.
The two outputs of the LTM4642 are paralleled to charac-
terize the output current derating curves. The power loss
curves in Figure 8 to Figure 10 can be used in coordination
with load current derating curves in Figure 11 to Figure 24
for calculating an approximate θJA for the module with
various cooling methods. Application Note 103 provides
detailed explanation of the analysis for the thermal models
and the derating curves. Tables 4 and 5 provide a sum-
mary of the equivalent θJA parameters are correlated to
the measured values, and are improved with airflow.
The power loss curves are taken at room temperature, and
are increased with multiplicative factors according to the
ambienttemperature.Theapproximatefactorsare:1.35for
115°C and 1.4 for 120°C. The derating curves are plotted
with CH1 and CH2 paralleled output current starting at 8A
and the ambient temperature starting at 50°C. The derated
output voltages are 1.0V, 2.5V, 3.3V and 5.0V. Tables 4
and 5 specify the approximate θJA with airflow conditions
for 1V and 5V outputs. These two conditions are chosen to
include the lower and higher output voltage ranges for cor-
relatingthethermalresistance,butanyderatingcurvepoint
along with power loss curve can be used to calculate the
θJA.Thermalmodelsarederivedfromseveraltemperature
measurementsinacontrolledtemperaturechamberalong



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com