Electronic Components Datasheet Search
  English  ▼

X  

LTM4615 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4615
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 10Page - Linear Technology LTM4615 Datasheet HTML 11Page - Linear Technology LTM4615 Datasheet HTML 12Page - Linear Technology LTM4615 Datasheet HTML 13Page - Linear Technology LTM4615 Datasheet HTML 14Page - Linear Technology LTM4615 Datasheet HTML 15Page - Linear Technology LTM4615 Datasheet HTML 16Page - Linear Technology LTM4615 Datasheet HTML 17Page - Linear Technology LTM4615 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTM4642
14
4642fb
For more information www.linear.com/LTM4642
applicaTions inForMaTion
Figure 2. Example of Coincident Tracking
VTRACKisthetrackrampappliedtotheslave’sTRACK/SS2
pin. VTRACK has a control range of 0V to 0.6V. When the
master’s output is divided down with the same resistor
values used to set the slave’s output, then the slave will
coincident track with the master until it reaches its final
value. The master will continue to its final value from the
slave’s regulation point.
Ratiometric modes of tracking can be achieved by select-
ing different divider resistors values to change the output
tracking ratio. The master output must be greater than the
Once the RUN pin voltage is above 1.2V, the channel pow-
ers up. A soft-start current of 1µA then starts to charge
its soft-start capacitor. Note that soft-start or tracking is
achieved not by limiting the maximum output current of
the controller but by controlling the output ramp voltage
according to the ramp rate on the TRACK/SS pin. Current
foldback is disabled during this phase to ensure smooth
soft-start or tracking. The soft-start or tracking range is
defined to be the voltage range from 0V to 0.6V on the
TRACK/SSpin.Thetotalsoft-starttimecanbecalculatedas:
tSOFT-START =
0.6V •CSS µF
( )
1µA
Output voltage tracking can be programmed externally
using the TRACK/SS pin. The master channel is divided
down with an external resistor divider that is the same
as the slave channel’s feedback divider to implement co-
incident tracking. The LTM4642 uses an accurate 60.4k
resistor internally for the top feedback resistor. Figure 2
shows an example of coincident tracking. Figure 3 shows
the output voltages with coincident tracking.
VSLAVE = 1+
R1
R2
⎛
⎝
⎜
⎞
⎠
⎟• VTRACK
Figure 3. Coincident Tracking
+
VIN1 VIN2 CPWR
SGND
GND
LTM4642
4.7µF
COUT1
47µF
470pF
470pF
VOUT1
VOUT2
COUT2
100µF
CIN1
22µF
CIN2
22µF
0.1µF
VIN
4.75V TO 20V
2.2
DRVCC INTVCC
RUN1
131k
R2
90.9k
R1
60.4k
10k
RFB1
40.2k
RFB2
90.9k
RFREQ
61.9k
4642 F02
10k
VRNG1
RUN2
PGOOD1
PGOOD2
TRACK/SS1
TRACK/SS2
VOUT1
MODE/PLLIN
INTVCC
VOUT1
VOUT1 1.5V AT 4A LOAD
VOUT2
VOUTS1
FREQ
VOUTS–
VFB2
VFB1
VOUT2 1.0V AT 4A LOAD
PGOOD1
PGOOD2
INTVCC
+
COUT4
100µF
COUT3
47µF
PINS NOT USED: COMP1, COMP2, PHASEMD, CLKOUT, EXTVCC, SW1, SW2
TIME
OUTPUT
VOLTAGE
4642 F03
MASTER OUTPUT
SLAVE OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com