Electronic Components Datasheet Search
  English  ▼

X  

LTM4615 Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4615
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 8Page - Linear Technology LTM4615 Datasheet HTML 9Page - Linear Technology LTM4615 Datasheet HTML 10Page - Linear Technology LTM4615 Datasheet HTML 11Page - Linear Technology LTM4615 Datasheet HTML 12Page - Linear Technology LTM4615 Datasheet HTML 13Page - Linear Technology LTM4615 Datasheet HTML 14Page - Linear Technology LTM4615 Datasheet HTML 15Page - Linear Technology LTM4615 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTM4642
12
4642fb
For more information www.linear.com/LTM4642
The typical LTM4642 application circuit is shown in
Figure27.Externalcomponentselectionisprimarilydeter-
mined by the maximum load current and output voltage.
Output Voltage Programming
ThePWMcontrollerhasaninternal0.6Vreferencevoltage.
As shown in the Block Diagram, a 60.4k internal feedback
resistor RFB connects VOUT to the VFB pin. The output volt-
age will default to 0.6V with no feedback resistor. Adding
a resistor RSET from the VFB pin to SGND programs the
output voltage:
VOUT =0.6V •
60.4k+RSET
RSET
or equivalently:
RSET =
60.4k
VOUT
0.6V
–1
⎛
⎝
⎜
⎞
⎠
⎟
Table 1. RSET Resistor Table vs Various Output Voltages
VOUT (V)
0.6
1.0
1.2
1.5
1.8
2.5
3.3
5
RSET (kΩ) Open 90.9 60.4 40.2 30.1 19.1 13.3 8.25
VOUT1supportsfeedbackvoltagereferredremotesensing,
as such the VOUTS1 pin can be tied to VOUT1 at the load
sense point, and VOUTS– is tied to ground at the load sense
point. VOUT2 is programmed with a resistor to ground. For
a 2-phase single 8A output, the VFB2 pin can be connected
toINTVCCtodisablethechannel2erroramplifier,andinter-
nally connect the COMP2 pin to COMP1 pin. The COMP2
pin can be left floating or connected to COMP1 externally.
The TRACK/SS2 and PGOOD2 pins are not functional in
this mode, thus they can be left floating. See the Typical
Applications at the end of the data sheet.
Input Capacitors
The LTM4642 module should be connected to a low AC-
impedance DC source. A 47µF to 100µF surface mount
aluminumelectrolyticcapacitorcanbeusedformoreinput
bulk capacitance. This bulk capacitor is only needed if the
inputsourceimpedanceiscompromisedbylonginductive
leads, traces or not enough source capacitance.
For a buck converter, the switching duty-cycle can be
estimated as:
D=
VOUT
VIN
Without considering the inductor ripple current, for each
output, the RMS current of the input capacitor can be
estimated as:
ICIN(RMS) =
IOUT(MAX)
η
• D•(1−D)
In the above equation, η is the estimated efficiency of the
power module. The bulk capacitor can be a switcher-rated
aluminumelectrolyticcapacitororapolymercapacitor.One
22µF ceramic input capacitor is typically rated for 2A of
RMS ripple current, so the RMS input current at the worst
case for each output at 4A maximum current is about 2A.
If a low inductance plane is used to power the device, then
two 22µF ceramic capacitors are enough for both outputs
at 4A load and no external input bulk capacitor is required.
Output Capacitors
The LTM4642 is designed for low output voltage ripple
noise. The bulk output capacitors defined as COUT are
chosen with low enough effective series resistance (ESR)
to meet the output voltage ripple and transient require-
ments. COUT can be a low ESR tantalum capacitor, a low
ESR polymer capacitor or ceramic capacitor. The typical
output capacitance range for each output is from 47µF
to 220µF. Additional output filtering may be required by
the system designer, if further reduction of output ripple
or dynamic transient spikes is required. LTpowerCAD is
available for stability analysis. Multiphase operation will
reduce effective output ripple as a function of the number
of phases. Application Note 77 discusses this noise re-
duction versus output ripple current cancellation, but the
output capacitance should be considered carefully as a
function of stability and transient response. LTpowerCAD
calculates the output ripple reduction as the number of
implemented phases increased by N times. See Table 6
for output capacitor suggestions.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com