Electronic Components Datasheet Search
  English  ▼

X  

LTM4615 Datasheet(PDF) 19 Page - Linear Technology

Part # LTM4615
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 19 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 15Page - Linear Technology LTM4615 Datasheet HTML 16Page - Linear Technology LTM4615 Datasheet HTML 17Page - Linear Technology LTM4615 Datasheet HTML 18Page - Linear Technology LTM4615 Datasheet HTML 19Page - Linear Technology LTM4615 Datasheet HTML 20Page - Linear Technology LTM4615 Datasheet HTML 21Page - Linear Technology LTM4615 Datasheet HTML 22Page - Linear Technology LTM4615 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LTM4642
19
4642fb
For more information www.linear.com/LTM4642
applicaTions inForMaTion
withthermalmodelinganalysis.Thejunctiontemperatures
aremonitoredwhileambienttemperatureisincreasedwith
and without airflow. The power loss increase with ambient
temperature change is factored into the derating curves.
The junctions are maintained at 120°C maximum while
lowering output current or power with increasing ambient
temperature.Thedecreasedoutputcurrentwilldecreasethe
internal module loss as ambient temperature is increased.
The monitored junction temperature of 120°C minus
the ambient operating temperature specifies how much
module temperature rise can be allowed. As an example
in Figure 14 the load current is derated to ~7A at ~100°C
with no air or heat sink and the power loss for the 12V to
1.0V at 7A output is about 1.2W (power loss at 3.5A load
multiplied by 2). The 1.2W loss is multiplied by the 1.4
multiplying factor at 120°C junction to get 1.68W. If the
100°C ambient temperature is subtracted from the 120°C
junction temperature, then the difference of 20°C divided
by 1.68W equals a 12°C/W thermal resistance. Table 4
specifies a 13°C/W value which is very close. Table 4 and
Table 5 provide equivalent thermal resistances for 1.0V
and 5V outputs with and without airflow and heat sinking.
The derived thermal resistances in Tables 4 and 5 for the
various conditions can be multiplied by the calculated
power loss as a function of ambient temperature to derive
temperature rise above ambient, thus maximum junction
temperature. The printed circuit board is a 1.6mm thick
four layer board with two ounce copper for the two outer
layers and one ounce copper for the two inner layers. The
PCB dimensions are 95mm × 76mm. The BGA heat sinks
are listed below Table 5.
The thermal resistances reported in the Pin Configura-
tion section of the data sheet are consistent with those
parameters defined by JESD51-12 and are intended for
use with finite element analysis (FEA) software modeling
tools that leverage the outcome of thermal modeling,
simulation, and correlation to hardware evaluation per-
formed on a µModule package mounted to a hardware
test board defined by JESD51-9 (“Test Boards for Area
Array Surface Mount Package Thermal Measurements”).
The motivation for providing these thermal coefficients is
found in JESD51-12 (“Guidelines for Reporting and Using
Electronic Package Thermal Information”).
Many designers may opt to use laboratory equipment
and a test vehicle such as the demo board to anticipate
the µModule regulator’s thermal performance in their ap-
plication at various electrical and environmental operating
conditions to compliment any FEA activities. Without FEA
software, the thermal resistances reported in the Pin Con-
figuration section are in-and-of themselves not relevant to
providing guidance of thermal performance; instead, the
derating curves provided in the data sheet can be used in
a manner that yields insight and guidance pertaining to
one’s application-usage, and can be adapted to correlate
thermal performance to one’s own application.
The Pin Configuration section gives four thermal coeffi-
cients explicitly defined in JESD51-12; these coefficients
are quoted or paraphrased below:
1. θJA, the thermal resistance from junction to ambi-
ent, is the natural convection junction-to-ambient
air thermal resistance measured in a one cubic foot
sealed enclosure. This environment is sometimes
referred to as “still air” although natural convection
causes the air to move. This value is determined with
the part mounted to a JESD51-9 defined test board,
which does not reflect an actual application or viable
operating condition.
2. θJCbottom, the thermal resistance from junction to the
bottom of the product case, is determined with all of
the component power dissipation flowing through the
bottomofthepackage.InthetypicalµModule,thebulk
of the heat flows out the bottom of the package, but
there is always heat flow out into the ambient environ-
ment. As a result, this thermal resistance value may be
useful for comparing packages but the test conditions
don’t generally match the user’s application.
3. θJCtop, the thermal resistance from junction to top of
the product case, is determined with nearly all of the
component power dissipation flowing through the top
of the package. As the electrical connections of the
typical µModule are on the bottom of the package, it
is rare for an application to operate such that most of
the heat flows from the junction to the top of the part.
As in the case of θJCbottom, this value may be useful
for comparing packages but the test conditions don’t
generally match the user’s application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com