Electronic Components Datasheet Search
  English  ▼

X  

LTM4615 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM4615
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 11Page - Linear Technology LTM4615 Datasheet HTML 12Page - Linear Technology LTM4615 Datasheet HTML 13Page - Linear Technology LTM4615 Datasheet HTML 14Page - Linear Technology LTM4615 Datasheet HTML 15Page - Linear Technology LTM4615 Datasheet HTML 16Page - Linear Technology LTM4615 Datasheet HTML 17Page - Linear Technology LTM4615 Datasheet HTML 18Page - Linear Technology LTM4615 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTM4642
15
4642fb
For more information www.linear.com/LTM4642
slave output for the tracking to work. Master and slave
data inputs can be used to implement the correct resistors
values for coincident or ratiometric tracking.
Multiphase Operation
Multiphase operation with the LTM4642 two regulator
channels in parallel will lower the effective input RMS
ripple current as well as the output ripple current due
to the interleaving operation of the regulators. Figure 4
provides a ratio of input RMS ripple current to DC load
current as a function of duty cycle and the number of
paralleled phases. Choose the corresponding duty cycle
and the number of phases to get the correct ripple current
value. For example, the 2-phase parallel for one LTM4642
design provides 8A at 2.5V output from a 12V input. The
duty cycle is DC = 2.5V/12V = 0.21. The 2-phase curve
has a ratio of ~0.25 for a duty cycle of 0.21. This 0.25
ratio of RMS ripple current to a DC load current of 8A
equals ~2A of input RMS ripple current for the external
input capacitors. No more than two phases of a module
may be paralleled.
The effective output ripple current is lowered with
multiphase operations as well. Figure 5 provides a ratio
of peak-to-peak output ripple current to the normalized
output ripple current as a function of duty cycle and the
number of paralleled phases. Choose the corresponding
duty cycle and the number of phases to get the correct
output ripple current ratio value. If a 2-phase operation is
chosen at 12VIN to 2.5VOUT with a duty cycle of 21%, then
0.6 is the ratio of the normalized output ripple current to
inductor ripple DIr at the corresponding duty cycle. This
leads to ~1.3A of the effective output ripple current ΔIL
if the DIr is at 2.2A. Refer to Application Note 77 for a
detailed explanation of the output ripple current reduction
as a function of paralleled phases.
The output ripple voltage has two components that are
related to the amount of bulk capacitance and effective
series resistance (ESR) of the output bulk capacitance.
Therefore, the output ripple voltage can be calculated with
the known effective output ripple current. The equation:
ΔVOUT(P-P) ≈ ΔIL/(8 • f • N • COUT) + ESR • ΔIL
wherefisfrequencyandNisthenumberofparallelphases.
applicaTions inForMaTion
RUN Pin
The RUN pins can be used to enable or sequence the
particular regulator channel. The RUN pins have their own
internal 1.2µA current source to pull up the RUN pins to
1.2V,andthecurrentwillincreaseto5µAabove1.2V.Board
contaminationorresiduecanloaddownthesesmallpull-up
currents, so a 100k resistor is placed from the RUN pins
to ground. This 100k resistor can be used with a resistor
to VIN to set the turn-on threshold for the RUN pins
The resistor divider needs to be low enough resistance
to swamp out the pull-up current sources to prevent
unintended activation of the device. The RUN pin has a
maximum rated voltage of 6V. See Figure 1 Block Diagram
for set turn on equation.
Power Good
ThePGOODpinisconnectedtotheopendrainofaninternal
N-channel MOSFET. The MOSFET turns on and pulls the
PGOOD pin low when either VFB pin voltage is not within
±7.5% of the 0.6V reference voltage. The PGOOD pin is
also pulled low when either RUN pin is below 1.2V or when
the LTM4642 is in the soft-start or tracking phase. When
the VFB pin voltage is within the ±7.5% requirement, the
MOSFET is turned off and the pin is allowed to be pulled
up by an external resistor to a source of up to 6V. The
PGOOD pin will flag power good immediately when both
VFB pins are within the ±7.5% window. However, there is
an internal 17µs power bad mask when either VFBgoesout
of the ±7.5% window. In parallel single output operation,
only use PGOOD1.
CPWR, DRVCC, INTVCC and EXTVCC
TheCPWRisthemainpowerinputtotheinternalcontrolIC.
This pin is normally connected to the input voltage source.
This pin can be biased with a 5V supply when operating
at input voltages below 4.5V. When 4.5V < VIN < 5.3V,
Then tie CPWR to DRVCC. See the Typical Applications.
The DRVCC is the internal 5.3V regulator that powers the
LTM4642 internal MOSFET drivers for the internal power
MOSFETs. The DRVCC requires a 4.7µF ceramic capacitor
to ground. INTVCC powers the internal controller circuits
and is connected to DRVCC through a 2.2Ω resistor. This
INTVCC bias is ≤20mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com