Electronic Components Datasheet Search
  English  ▼

X  

LTM4615 Datasheet(PDF) 29 Page - Linear Technology

Part # LTM4615
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 24Page - Linear Technology LTM4615 Datasheet HTML 25Page - Linear Technology LTM4615 Datasheet HTML 26Page - Linear Technology LTM4615 Datasheet HTML 27Page - Linear Technology LTM4615 Datasheet HTML 28Page - Linear Technology LTM4615 Datasheet HTML 29Page - Linear Technology LTM4615 Datasheet HTML 30Page - Linear Technology LTM4615 Datasheet HTML 31Page - Linear Technology LTM4615 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTM4642
29
4642fb
For more information www.linear.com/LTM4642
Table 5. Pin Assignment
package DescripTion
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY.
PIN ID FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION PIN ID
FUNCTION
A1
VOUT2
B1
VOUT2
C1
VOUT2
D1
GND
E1
GND
F1
VOUT1
A2
VOUT2
B2
VOUT2
C2
GND
D2
SGND
E2
SGND
F2
VOUTS1
A3
SW2
B3
RUN2
C3
MODE/PLLIN
D3
COMP2
E3
COMP1
F3
VOUTS–
A4
GND
B4
PHASMD
C4
VFB2
D4
CLKOUT
E4
FREQ
F4
VFB1
A5
GND
B5
VIN2
C5
TRACK/SS2
D5
GND
E5
GND
F5
TRACK/SS1
A6
GND
B6
VIN2
C6
PGOOD2
D6
EXTVCC
E6
DVRCC
F6
PGOOD1
A7
GND
B7
VIN2
C7
CPWR
D7
INTVCC
E7
GND
F7
GND
PIN ID FUNCTION
PIN ID
FUNCTION
G1
VOUT1
H1
VOUT1
G2
VOUT1
H2
VOUT1
G3
RUN1
H3
SW1
G4
VRNG1
H4
GND
G5
VIN1
H5
GND
G6
VIN1
H6
GND
G7
VIN1
H7
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com