Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 6 Page - Linear Technology

Part # LT8601
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8601 Datasheet HTML 2Page - Linear Technology LT8601 Datasheet HTML 3Page - Linear Technology LT8601 Datasheet HTML 4Page - Linear Technology LT8601 Datasheet HTML 5Page - Linear Technology LT8601 Datasheet HTML 6Page - Linear Technology LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology LT8601 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
LT8603
6
8603f
For more information www.linear.com/LT8603
TYPICAL PERFORMANCE CHARACTERISTICS
Channel 1 Efficiency vs Load
VOUT1 = 5V, fSW = 2MHz
Channel 2 Efficiency vs Load
VOUT2 = 3.3V, fSW = 2MHz
Channel 3 Efficiency vs Load
VOUT3 = 1.2V, fSW = 2MHz
Channel 4 Efficiency vs Load
VOUT4 = 8V, fSW = 1MHz
Channel 4 Efficiency vs Load
VOUT4 = 8V, fSW = 1.0MHz
No-Load I (VIN) vs VIN
All Channels Enabled (Note 4)
Channel 1 Efficiency vs Load
VOUT1 = 5V, fSW = 1MHz
Channel 2 Efficiency vs Load
VOUT2 = 3.3V, fSW = 1MHz
Channel 3 Efficiency vs Load
VOUT3 = 1.2V, fSW = 1MHz
TA = 25°C, VIN = PVIN1 = PVIN2 = 12V, EN/UVLO = 3V
and PVIN3 = 3.3V unless otherwise noted.
LOAD CURRENT (A)
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
OUT1
SW
8603 G01
PVIN1 = 12V
PVIN1 = 24V
PVIN1 = 36V
Burst Mode OPERATION
LOAD CURRENT (A)
0.001
0.01
0.1
1
3
0
10
20
30
40
50
60
70
80
90
100
OUT2
SW
8603 G02
PVIN2 = 12V
PVIN2 = 24V
PVIN2 = 36V
Burst Mode OPERATION
LOAD CURRENT (A)
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
OUT3
SW
8603 G03
PVIN3 = 2.6V
PVIN3 = 3.3V
PVIN3 = 5.5V
Burst Mode OPERATION
LOAD CURRENT (A)
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
OUT1
SW
8603 G04
PVIN1 = 12V
PVIN1 = 24V
PVIN1 = 36V
Burst Mode OPERATION
LOAD CURRENT (A)
0.001
0.01
0.1
1
3
0
10
20
30
40
50
60
70
80
90
100
VOUT2 = 3.3V, fSW = 2MHz
8603 G05
PVIN2 = 12V
PVIN2 = 24V
Burst Mode OPERATION
LOAD CURRENT (A)
0.001
0.01
0.1
1 2
0
10
20
30
40
50
60
70
80
90
100
OUT3
SW
8603 G06
PVIN3= 2.6V
PVIN3= 3.3V
PVIN3= 5.5V
Burst Mode OPERATION
LIGHT LOAD BURST
RSENSE = 4.0mΩ
L4 = 1.5H
VBATT
6V
4.5V
3V
LOAD CURRENT (A)
0.001
0.01
0.1
0
10
20
30
40
50
60
70
80
90
100
OUT4
SW
8603 G07
Burst Mode OPERATION
RSENSE = 4.0mΩ
L4 = 1.5H
VBATT
6V
4.5V
3V
LOAD CURRENT (A)
0.0
0.8
1.5
2.3
3.0
0
10
20
30
40
50
60
70
80
90
100
VOUT4 = 8V, fSW = 400KHz
8603 G08
VBATT (V)
0
10
20
30
40
50
0
50
100
150
200
250
300
350
400
8603 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com