Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 8 Page - Linear Technology

Part # LT8601
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT8601 Datasheet HTML 4Page - Linear Technology LT8601 Datasheet HTML 5Page - Linear Technology LT8601 Datasheet HTML 6Page - Linear Technology LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology LT8601 Datasheet HTML 10Page - Linear Technology LT8601 Datasheet HTML 11Page - Linear Technology LT8601 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
LT8603
8
8603f
For more information www.linear.com/LT8603
TA = 25°C, VIN = PVIN1 = PVIN2 = 12V, EN/UVLO = 3V
and PVIN3 = 3.3V unless otherwise noted.
POR Delay Time vs Temperature
Feedback Voltage vs Temperature
Switching Frequency vs RT
Switching Frequency vs Temperature
POR Delay vs CPOR
TYPICAL PERFORMANCE CHARACTERISTICS
Channel 4 ILIM Threshold
vs Common Mode
Channel 4 ILIM Threshold
vs Temperature
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.990
0.995
1.000
1.005
1.010
0.790
0.795
0.800
0.805
0.810
8603 G19
CH 1 AND CH2
CH 3 AND CH4
RT (kΩ)
25 50 75 100 125 150 175 200 225 250 275
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
T
8603 G20
RT = 30kΩ
RT = 60kΩ
RT = 250kΩ
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–10
–8
–6
–4
–2
0
2
4
6
8
10
8603 G21
CPOR (pF)
100
1000
10000
1
10
100
600
POR
8603 G22
DELAY TIME CHANGE
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–10
–8
–6
–4
–2
0
2
4
6
8
10
8603 G23
VISP , VISN (V)
0
5
10 15 20 25 30 35 40 45
45
47
49
51
53
55
57
59
61
63
65
vs Common Mode
8603 G24
VBATT
+2V
+42V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
40.0
42.0
44.0
46.0
48.0
50.0
52.0
54.0
56.0
58.0
60.0
8603 G25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com