Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 35 Page - Linear Technology

Part # LT8601
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 35 Page - Linear Technology

Back Button LT8601 Datasheet HTML 30Page - Linear Technology LT8601 Datasheet HTML 31Page - Linear Technology LT8601 Datasheet HTML 32Page - Linear Technology LT8601 Datasheet HTML 33Page - Linear Technology LT8601 Datasheet HTML 34Page - Linear Technology LT8601 Datasheet HTML 35Page - Linear Technology LT8601 Datasheet HTML 36Page - Linear Technology LT8601 Datasheet HTML 37Page - Linear Technology LT8601 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
LT8603
35
8603f
For more information www.linear.com/LT8603
TYPICAL APPLICATIONS
C6
0.1F L1, 2.2H
C16, 10pF
R12, 1MEG
R13, 665k
C4
47F
2.5V
L3, 1.0H
C15, 22pF
R6, 499k
R9, 1MEG
C7
47F
1.2V
C5
0.1F L2, 2.2H
C14, 15pF
R10, 825k
R11, 357k
C13
47F
3.3V
R8
28.7k
C10, 4.7F
C11, 4.7F
C9, 2.2nF
C8, 2.2nF
C3, 4.7F
L4
5.6H
R4
887k
M1
SD1
C12
22F
VBATT
4V TO 20V
R1
887k
8603 TA05a
TRKSS1
TRKSS2
INTVCC4
INTVCC
PG2
RUN3
FSEL4B
FSEL4A
SYNC
EN/UVLO
VIN
PVIN1
PVIN2
GATE4
ISN4
ISP4
FB4
BST2
SW2
FB2
BIAS
PVIN3
SW3
FB3
LT8603
RT
GND
OUT4
5V AT 500mA
R2, 422k
BST1
SW1
FB1
R7
10k
C2, 4.7F
C1, 4.7F
R3
40m
R5, 169k
UNUSED PINS NOT SHOWN:
PG1-4, POR, CPOR, RST
Four Regulated Outputs with Channel 4 Driven from Channel 2
Start-Up Sequence
L1
Wurth 74437324022
L2
Wurth 74437324022
L3
Wurth 74437321010
L4
Wurth 74437324056
SD1
PMEG6030ETP
M1
RJK0651DPB-00
VOUT3
VOUT1
VOUT2
VOUT4
VIN AT 5V/DIV
10ms/DIV
2V/DIV
5V/DIV
8603 TA05b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com