Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 33 Page - Linear Technology

Part # LT8601
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 33 Page - Linear Technology

Back Button LT8601 Datasheet HTML 29Page - Linear Technology LT8601 Datasheet HTML 30Page - Linear Technology LT8601 Datasheet HTML 31Page - Linear Technology LT8601 Datasheet HTML 32Page - Linear Technology LT8601 Datasheet HTML 33Page - Linear Technology LT8601 Datasheet HTML 34Page - Linear Technology LT8601 Datasheet HTML 35Page - Linear Technology LT8601 Datasheet HTML 36Page - Linear Technology LT8601 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
LT8603
33
8603f
For more information www.linear.com/LT8603
Details of Front Page Application
TYPICAL APPLICATIONS
Start-Up Sequence
L1
Wurth 74437336033
L2
Wurth 74437336015
L3
Wurth 74437324010
L4
Wurth 7443736015
SD1
PMEG060V050EPD
M1
RJK0651DPB-00
M2
FK3306010L
L3
1.0H
C9, 22pF
R10, 187k
R11, 374k
C15
47F
OUT3
1.2V
C12
0.1F
L2
1.5H
C13, 15pF
R8, 1MEG
R9, 432k
C14
47F
OUT2
3.3V
R12
28.7k
C10, 4.7F
C11, 4.7F
C8, 2.2nF
C7, 2.2nF
C2
100F
M1
SD2*
SD1
L4
1.5H
R1
4m
C1
4.7F
CVIN1**
4.7F
CVIN2**
4.7F
VBATT
2V TO 20V
TRANSIENTS TO 42V
(4.3V TO START)
C6
0.1F L1, 3.3H
C8, 3.3pF
R6, 1MEG
R7, 249k
C5
22F
OUT1
5.0V
8603 TA03a
ISP4
FB4
TRKSS1
TRKSS2
INTVCC4
INTVCC
FSEL4A
RUN3
POREN
FSEL4B
SYNC
CPOR
EN/UVLO
ISN4 GATE4
VIN PVIN1 PVIN2
BST1
SW1
FB1
BST2
SW2
FB2
BIAS
PVIN3
SW3
FB3
PG1
PG2
PG3
PG4
RST
LT8603
RT
GND
*SD2 OPTIONALLY PROVIDES REVERSE BATTERY PROTECTION. REPLACE WITH SHORT IF REQUIRED.
**CVIN1, CVIN2, AND CVIN3 SHOULD BE PLACED AS CLOSE AS POSSIBLE TO THEIR RESPECTIVE PVIN PINS.
*** M2 IS RECOMMENDED FOR LOWEST QUIESCENT CURRENT WHEN CHANNEL 4 IS INACTIVE
C16, 1000pF
CVIN3**
4.7F
M2***
R4
1MEG
R5
110k
BOOST ON/OFF
INTVCC4
OUT4
8V FOR VBATT < 8.4V
VBATT – 0.4V FOR VBATT > 8.4
VIN
VOUT4
VOUT3
VOUT2
VOUT1
4ms/DIV
2V/DIV
8603 TA03b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com