Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 16 Page - Linear Technology

Part # LT8601
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT8601 Datasheet HTML 12Page - Linear Technology LT8601 Datasheet HTML 13Page - Linear Technology LT8601 Datasheet HTML 14Page - Linear Technology LT8601 Datasheet HTML 15Page - Linear Technology LT8601 Datasheet HTML 16Page - Linear Technology LT8601 Datasheet HTML 17Page - Linear Technology LT8601 Datasheet HTML 18Page - Linear Technology LT8601 Datasheet HTML 19Page - Linear Technology LT8601 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
LT8603
16
8603f
For more information www.linear.com/LT8603
OPERATION
Multiphase Switching
The oscillator generates two clock signals 180° out of
phase with each other. Channels 1 and 3 operate from
CLK1, while Channels 2 and 4 operate from CLK2. The
clock for Channel 4 may be selected as either a ÷1,
÷2 or ÷5 version of CLK2 using the FSEL4A and FSEL4B
pins. Regardless of the divide ratio chosen, the Channel 4
clock edges remain aligned to the CLK2 edges.
Since a buck regulator only draws input current during the
top switch on cycle, multiphase operation reduces peak
input current and doubles the input current frequency.
These effects reduce input current ripple and reduce the
input capacitance required.
Undervoltage Lockout
The EN/UVLO pin is used to put the LT8603 in shutdown,
reducing the input current to less than 1μA. The accurate
1.2V threshold of the EN/UVLO pin provides a program-
mable VIN undervoltage lockout through an external resis-
tor divider tied to the EN/UVLO pin. A 50mV hysteresis
voltage on the EN/UVLO pin prevents switching noise
from inadvertently shutting down the LT8603.
Power Good Comparators
Channels 1, 2 and 3 have power good comparators that
trip when the feedback pin is more than 8% above or
below its reference voltage. Channel 4 has a power good
comparator that indicates when the output voltage is more
than 8% below its reference. The PG output pins are open-
drain and pulled low when the corresponding output is out
of regulation. The PG outputs are not valid until INTVCC
rises to 2.7V.
Power-On Reset Timer
The LT8603 includes a power-on reset timer. The
power-on reset timeout period is adjustable using an
external capacitor on the CPOR pin as described in the
Applications Information section. The timer is initiated
when the POREN pin is higher than 1.2V. The output of
the POR timer, the RST pin, is an open-drain output with
a weak internal pull-up of 100k to approximately 2V. RST
is held low until the expiration of the POR timer. The RST
pin is only valid when the LT8603 is enabled and INTVCC
is above 2.7V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com