Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 12 Page - Linear Technology

Part # LT8601
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology LT8601 Datasheet HTML 10Page - Linear Technology LT8601 Datasheet HTML 11Page - Linear Technology LT8601 Datasheet HTML 12Page - Linear Technology LT8601 Datasheet HTML 13Page - Linear Technology LT8601 Datasheet HTML 14Page - Linear Technology LT8601 Datasheet HTML 15Page - Linear Technology LT8601 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
LT8603
12
8603f
For more information www.linear.com/LT8603
PIN FUNCTIONS
PG1, PG2, PG3 (Pins 1, 10, 40): Power Good Indicators
for Channels 1, 2 and 3, respectively. These pins are open-
drain outputs that pull down until the associated FB pin is
within ±8% of the target regulation voltage.
GND (Pins 2, 8, 13, 35, 38, Exposed Pad 41): Ground.
All ground pins and the exposed pad must be soldered
to PCB ground. See the Applications Information section
for PCB layout recommendations.
SW1 (Pin 3): High Voltage Converter 1 Switch Node. This
is the output of the internal power switches for Channel 1.
BST1, BST2 (Pins 4, 5): Boost Voltage for High Voltage
Converters. These pins provide the drive voltage required
by the internal power MOSFETs. A capacitor should be
connected from BST to the associated SW pin.
SW2 (Pins 6, 7): High Voltage Converter 2 Switch Node.
This is the output of the internal power switches for
Channel 2. These pins should be soldered to the same
PCB trace for even current distribution.
BIAS (Pin 9): Alternate Power Source for INTVCC and
INTVCC4 Regulators. If BIAS > 3.1V for INTVCC or > 4.6V
for INTVCC4 the internal regulators will draw their power
from BIAS. This will reduce the on-chip power dissipation
during full frequency operation and reduce the effective
no-load sleep current at the input.
PG4 (Pin 11): Power Good Indicator Channel 4. This pin
is an open-drain output that pulls low until the Channel
4 feedback voltage is greater than 92% of its reference
voltage.
FSEL4A, FSEL4B (Pins 12, 17): Boost Converter
Frequency Select and RUN Control. These pins are logic
inputs. When both pins are low, the boost controller is
shut down. The boost controller switching frequency is
controlled using these pins according to Table 2 in the
Applications Information section.
GATE4 (Pin 15): External MOSFET Gate Drive Output.
This pin switches from GND to VINTVCC4 to turn on the
low side power MOSFET in the BOOST converter. See
the Applications Information section for information on
MOSFET selection.
INTVCC4 (Pin 16): Internal Boost Regulator Output. Do
not load the INTVCC4 pin with external circuitry. INTVCC4
is 4.6V when BIAS < 4.6V, 5V when BIAS > 5V, and equal
to BIAS when BIAS is between 4.6V and 5V. Decouple to
ground with a low ESR 4.7µF capacitor.
ISP4, ISN4 (Pins 19, 18): Boost Controller Current Sense
Inputs. Connect a current sense resistor of appropriate
value between these pins with ISP4 connected to the
input supply and ISN4 to the application inductor. See
the Applications Information section for sense resistor
selection details.
TRKSS1, TRKSS2 (Pins 21, 20): Track/Soft-Start Inputs
for the High Voltage Converters. When this pin is below
1V, the converter regulates the FB pin to the TRKSS volt-
age instead of the internal reference. The TRKSS pin has a
2.4μA pull-up current. Connect a capacitor between either
of these pins to ground to program a soft-start time for
the associated channel.
EN/UVLO (Pin 22): Enable/Undervoltage Lockout Input.
The LT8603 is in low power shutdown when this pin is
below 0.4V. Between 0.4V and 1.1V, the part will turn on
the internal reference. A precision threshold at 1.2V (ris-
ing) enables the switching regulators. The precision
threshold allows the EN/UVLO pin to be used as an input
undervoltage lockout by connecting to resistor divider
between VIN and GND. When the EN/UVLO voltage is
between 0.4V and 1.2V, the LT8603 input current will
depend on the mode selected, the VIN voltage and EN/
UVLO voltage.
VIN (Pin 23): Power Supply to Internal Functions. This
pin provides power to the LT8603 internal circuitry. This
pin must reach 4V for the boost converter to complete its
internal soft-start delay of 1ms.
FB4 (Pin 24): Feedback Input Pin for the Boost Converter.
The converter regulates FB4 to 0.8V.
FB1, FB2 (Pins 26, 25): Feedback Input Pins for the
High Voltage Converters. The converters regulate the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com