Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 32 Page - Linear Technology

Part # LT8601
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 32 Page - Linear Technology

Back Button LT8601 Datasheet HTML 28Page - Linear Technology LT8601 Datasheet HTML 29Page - Linear Technology LT8601 Datasheet HTML 30Page - Linear Technology LT8601 Datasheet HTML 31Page - Linear Technology LT8601 Datasheet HTML 32Page - Linear Technology LT8601 Datasheet HTML 33Page - Linear Technology LT8601 Datasheet HTML 34Page - Linear Technology LT8601 Datasheet HTML 35Page - Linear Technology LT8601 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
LT8603
32
8603f
For more information www.linear.com/LT8603
APPLICATIONS INFORMATION
The recommended layer use for a 4-layer board is:
Layer 1 (Components): use 2oz (70µm) copper. Unbroken
high frequency/high current routing. (CIN loop,
SW node, BST node, inductor, COUT), high current
DC routing, ground plane fill.
Layer 2 (Internal): Unbroken ground plane.
Layer 3 (Internal): Signal routing, ground plane
on remainder.
Layer 4 (Bottom): Use 2oz (70µm) copper; high cur-
rent DC routing (PVIN, VOUT), ground plane on
remainder.
THERMAL CONSIDERATIONS
The exposed pad is the main path for conducting heat
from the silicon die to the PC board and the surrounding
air. Thermal vias should be placed under the device to
conduct heat down to internal ground planes and the back
side of the board. Multiple small vias work better than a
few large ones as copper is a much better conductor than
any solder which may or may not fill them. The planes
will distribute heat over a larger area and thus reduce the
thermal resistance from the package to the air. A good
design can achieve an effective θJA of 22°C/W. Power
dissipation within the LT8603 can be estimated by sum-
ming the power dissipated in each channel. Calculate each
channel’s power loss from an efficiency measurement
and subtract external component losses such as induc-
tors, power transistors, and diodes. The die temperature
is calculated by multiplying the total LT8603 power dis-
sipation by the thermal resistance from junction to die
θJA and adding the ambient temperature. The maximum
load current should be derated as the ambient tempera-
ture approaches the maximum junction rating. Figure 13
shows the current derating factor to avoid exceeding the
maximum junction temperature.
The thermal derating curves of Figure 13 are based on the
front page application (Ch 1: 5V, Ch 2: 3.3V, Ch 3: 1.2V,
Ch4: 8V). The currents decrease uniformly as a percent-
age of maximum. Although application dependent, this
Figure 13. Thermal Derating, E- and I-Grade
3.5in x 3.5in 4–LAYER BOARD
2oz Cu TOP AND BOTTOM
LIMITED BY MAXIMUM
JUNCTION TEMPERATURE
θJA = 22°C/W
12VIN, 1MHz
12VIN, 2.2MHz
24VIN, 1MHz
24VIN, 2.2MHz
AMBIENT TEMPERATURE (°C)
0
25
50
75
100
125
0
20
40
60
80
100
8603 F13
set of curves is representative of typical applications.
Final current derating should be based on temperature
measurements in the final application and environment.
The LT8603 will stop switching if the internal tempera-
ture rises too high. This thermal protection is above the
maximum reliable operating temperature and is intended
as a failsafe only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com