Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 7 Page - Linear Technology

Part # LT8601
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT8601 Datasheet HTML 3Page - Linear Technology LT8601 Datasheet HTML 4Page - Linear Technology LT8601 Datasheet HTML 5Page - Linear Technology LT8601 Datasheet HTML 6Page - Linear Technology LT8601 Datasheet HTML 7Page - Linear Technology LT8601 Datasheet HTML 8Page - Linear Technology LT8601 Datasheet HTML 9Page - Linear Technology LT8601 Datasheet HTML 10Page - Linear Technology LT8601 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LT8603
7
8603f
For more information www.linear.com/LT8603
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VIN = PVIN1 = PVIN2 = 12V, EN/UVLO = 3V
and PVIN3 = 3.3V unless otherwise noted.
Channel 1
Peak Current Limit vs Duty Cycle
Channel 2
Peak Current Limit vs Duty Cycle
Channel 3
Peak Current Limit vs Duty Cycle
Channels 1, 2
Minimum On-Time vs Temperature
Channels 1, 2
Minimum Off-Time vs Temperature
Channel 3
Minimum Off-Time vs ISW
Channels 1, 2
Minimum On-Time vs ISW
Channels 1, 2
Minimum Off-Time vs ISW
Channel 3
Minimum On-Time vs ISW
DUTY CYCLE (%)
0 10 20 30 40 50 60 70 80 90 100
1.5
1.8
2.1
2.4
2.7
3.0
8603 G10
DUTY CYCLE (%)
0 10 20 30 40 50 60 70 80 90 100
2.5
3.0
3.5
4.0
4.5
5.0
Peak Current Limit vs. Duty Cycle
8603 G11
CH 1
CH 2
SWITCH CURRENT (A)
0
0.5
1
1.5
2
2.5
50
60
70
80
90
100
Minimum On Time vs ISW
8603 G13
SWITCH CURRENT (A)
0
0.5
1
1.5
2
2.5
50
60
70
80
90
100
Minimum Off-Time vs ISW
8603 G14
CH 1
CH 2
PVIN3 = 2.6V
PVIN3 = 3.3V
PVIN3 = 5.5V
ISW (A)
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
0
18
36
54
72
90
108
126
144
162
180
Minimum On-Time vs I SW
8603 G15
ISW (A)
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
40
46
52
58
64
70
76
82
88
94
100
Minimum Off-Time vs I SW
8603 G18
DUTY CYCLE (%)
0 10 20 30 40 50 60 70 80 90 100
1.5
2.0
2.5
3.0
3.5
4.0
Duty Cycle
8601 G12
ISW = 1A
CH 1
CH 2
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
40
50
60
70
80
90
Minimum On Time vs Temperature
8603 G16
ISW = 1A
CH 1
CH 2
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
50
60
70
80
90
100
Minimum Off Time vs Temperature
8603 G17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com