Electronic Components Datasheet Search
  English  ▼

X  

LT8601 Datasheet(PDF) 18 Page - Linear Technology

Part # LT8601
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8601 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT8601 Datasheet HTML 14Page - Linear Technology LT8601 Datasheet HTML 15Page - Linear Technology LT8601 Datasheet HTML 16Page - Linear Technology LT8601 Datasheet HTML 17Page - Linear Technology LT8601 Datasheet HTML 18Page - Linear Technology LT8601 Datasheet HTML 19Page - Linear Technology LT8601 Datasheet HTML 20Page - Linear Technology LT8601 Datasheet HTML 21Page - Linear Technology LT8601 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
LT8603
18
8603f
For more information www.linear.com/LT8603
pin is connected to a switching regulator channel it will
improve efficiency, reduce on-chip dissipation and lower
the sleep current. The INTVCC may be used to configure
other inputs and supply pull-ups related to the LT8603. It
is not recommended to draw more than 1mA or connect
INTVCC to any components not related to the LT8603 to
avoid unexpected interactions.
BOOST CONTROLLER
Functional Description
Channel 4 is a set of functional elements that are con-
nected to external components to form a boost converter.
The Block Diagram in Figure 2 shows these elements and
how they are connected internally.
The error amplifier compares a fractional part of the out-
put voltage to an 800mV reference. The output, ILIM4,
goes to the current comparator to set the peak current.
The current comparator senses the inductor current using
a small sense resistor across the ISP4 and ISN4 pins. The
trip level is set by the error amplifier output, ILIM4, and
the slope compensation signal, SLOPE4. The maximum
The internal oscillator of the LT8603 can be synchronized
to an external clock of 250kHz up to 2.2MHz applied to
the SYNC pin. The RT value should be chosen such that
the frequency set by RT is close to the anticipated external
clock frequency.
Mode Selection and Synchronization
To select low ripple Burst Mode operation, the SYNC
pin should be connected to a voltage below 0.3V such
as ground. To select pulse-skipping operation, connect
the SYNC pin to an available voltage above 1.2V such
as INTVCC.
To synchronize the LT8603 to an external frequency, drive
the SYNC pin with a pulse train with a high voltage above
1.2V and a low voltage below 0.3V. The minimum pulse
width is 120ns for a high pulse and 90ns for a low pulse.
The LT8603 will operate in pulse-skipping mode while
synchronized to an external clock. The LT8603 may be
synchronized over a 250kHz to 2.2MHz range. The RT
resistor should be chosen to set the LT8603 switching
frequency close to the synchronization input.
For some applications it is desirable for the LT8603 to
operate in pulse-skipping mode, offering two major differ-
ences from Burst Mode operation. First, in pulse-skipping
mode the clock stays awake at all times and all switching
cycles are aligned to the clock. Second, full frequency
switching is reached at a lower output load in pulse-skip-
ping than Burst Mode operation. These two differences
come at the expense of increased quiescent current for
pulse-skipping. To enable pulse-skipping mode, the SYNC
pin is tied high either to a logic output or to the INTVCC
pin. Do not leave the SYNC pin floating.
INTVCC Regulator
The INTVCC supplies the common circuitry such as the
oscillator and reference but its main current demand
comes from the gate drivers for the high voltage buck
converters. The current draw will depend on the operat-
ing frequency, the higher the switching frequency, the
greater the current drawn from INTVCC. The regulator is
supplied by VIN at start-up, but it will draw its supply
current from BIAS if BIAS is at least 3.1V. If the BIAS
APPLICATIONS INFORMATION
Figure 2. Boost Controller Block Diagram
8603 F02
GATE4
LOGIC 4
–
+
ISN4
DRIVER
ISP4
CLK4
SS4
0.8V
FB4
ILIM4
ITRIP
+
–
LOOP
COMPENSATION
+
0.736V
PG4
BIAS
VIN
FSEL4B
FSEL4A
BOOST DIVIDER
AND SLOPE GEN
INTVCC4
REGULATOR
+
–
INTVCC4
5V
CURRENT
COMPARATOR
ERROR
AMPLIFIER
CLK2
SLOPE4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com