Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3759
Description  Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3759 Datasheet HTML 5Page - Linear Technology LT3759 Datasheet HTML 6Page - Linear Technology LT3759 Datasheet HTML 7Page - Linear Technology LT3759 Datasheet HTML 8Page - Linear Technology LT3759 Datasheet HTML 9Page - Linear Technology LT3759 Datasheet HTML 10Page - Linear Technology LT3759 Datasheet HTML 11Page - Linear Technology LT3759 Datasheet HTML 12Page - Linear Technology LT3759 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
LT8710
9
8710f
For more information www.linear.com/LT8710
pin FuncTions
FBX (Pin 1): Positive and Negative Feedback Pin. For a
boost, SEPIC, or inverting converter, tie a resistor from
the FBX pin to VOUT according to the following equations:
RFBX =
VOUT –1.213V
83.7µA
; Boost or SEPIC Converter
RFBX =
|VOUT|+9.6mV
83.1µA
; Inverting Converter
VC (Pin 2): Error Amplifier Output Pin. Tie external com-
pensation network to this pin.
SS (Pin 3): Soft-Start Pin. Place a soft-start capacitor here
that is greater than 5x the IMON capacitor. Upon start-up,
the SS pin will be charged by a (nominally) 260k resistor
to ~2.7V. During a current overload as seen by ISP - ISN,
overtemperature, or UVLO condition, the SS pin will be
quicklydischargedtoresetthepart.Oncethoseconditions
are clear, the part will attempt to restart.
FLAG (Pin 4): Power Good or C/10 Indication Pin. The
FLAG pin functions as an active high power good pin if
C/10 is true. Alternatively, the FLAG pin functions as an
active high C/10 indication pin if power is good. Power
is good when FBX < 68.5mV or FBX > 1.153V and has
58mV of hysteresis. When FBX = 1.153V, it’s 5% below
regulation which corresponds to ~10% below regulation
on VOUT (for VOUT > 8V). Active high C/10 indication is
when the charge current seen by the ISP and ISN pins is
less than 10% of full current (VISP – VISN < 5mV) as the
charge current decreases. For increasing charge currents,
the C/10 threshold has to reach 20% of full current (VISP
– VISN > 10mV). The C/10 indication can be used to set
the bulk and float voltage when charging a battery. For
either C/10 or power good indicators, there is a 100µs
anti-glitch delay. A pull-up resistor or some other form
of pull-up network needs to exist on this pin to use these
features. See the Block Diagram and Applications section
for more information.
IMON (Pin 5): Output Current Sense Monitor Output Pin.
Outputs a voltage that is proportional to the voltage seen
across the ISP and ISN pins.
VIMON = 11.9 • (VISP – ISN + 51.8mV)
Since the voltage across the ISP and ISN pins is AC, a
filtering capacitor is needed on the IMON pin to average
out the ISP and ISN voltage. Recommended capacitor
value is 10nF to 100nF. A 51.8mV offset is added to the
amplifier, so when the average ISP – ISN voltage is 0V,
the IMON voltage is 616mV. When the average voltage
across the ISP and ISN pins is 50mV, the IMON pin will
output 1.213V. Do not resistively load down this pin.
ISN, ISP (Pins 6, 7): Output Current Sense Negative and
Positive Input Pins Respectively. Kelvin connect ISN and
ISP pins to a sense resistor to limit the output current. The
commanded NFET current will limit the voltage difference
across the sense resistor to 50mV.
BIAS (Pin 8): Alternate Input Supply and PFET Bias Pin.
Must be locally bypassed. The BIAS pin sets the top rail for
the TG gate driver. Must connect to the converter’s VOUT
for a positive output voltage or INTVCC for a converter’s
negative output voltage.
INTVEE (Pin 9): 6.18V-Below-BIAS Regulator Pin. Must
be locally bypassed with a minimum capacitance of
2.2µF to BIAS. This pin sets the bottom rail for the TG
gate driver. The TG gate driver can begin switching when
BIAS – INTVEE exceeds 3.42V (typical). Connect pin to
ground for an inverting converter.
TG (Pin 10): PFET Gate Drive Pin. Low and high levels are
BIAS – INTVEE and BIAS respectively.
BG (Pin 11): NFET Gate Drive Pin. Low and high levels
are GND and INTVCC respectively.
INTVCC(Pin12):6.3V DualInputLDORegulatorPin.Must
be locally bypassed with a minimum capacitance of 2.2µF
to GND. Logic will choose to run INTVCC from the VIN or
BIAS pins. A maximum 5mA external load can connect
to the INTVCC pin. The undervoltage lockout on INTVCC is
4V (typical). The BG gate driver can begin switching when
INTVCC exceeds 4V (typical).
VIN (Pin 13): Input Supply Pin. Must be locally bypassed.
Can run down to 0V as long as BIAS > 4.5V.
CSN, CSP (Pins 14, 15): NFET Current Sense Negative
and Positive Input Pins Respectively. Kelvin connect these
pins to a sense resistor to limit the NFET switch current.
The maximum sense voltage at low duty cycle is 50mV.
EN/FBIN (Pin 16): Enable and Input Voltage Regulation
Pin. In conjunction with the UVLO (undervoltage lockout)
circuit, this pin is used to enable/disable the chip and
restart the soft-start sequence. The EN/FBIN pin is also



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com