Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3759
Description  Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3759 Datasheet HTML 10Page - Linear Technology LT3759 Datasheet HTML 11Page - Linear Technology LT3759 Datasheet HTML 12Page - Linear Technology LT3759 Datasheet HTML 13Page - Linear Technology LT3759 Datasheet HTML 14Page - Linear Technology LT3759 Datasheet HTML 15Page - Linear Technology LT3759 Datasheet HTML 16Page - Linear Technology LT3759 Datasheet HTML 17Page - Linear Technology LT3759 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
LT8710
14
8710f
For more information www.linear.com/LT8710
Note that if the INTVEE LDO is in UVLO and SS > 1.8V
(typical), then the voltage reference at the positive input
of EA3 is 916mV (typical), resulting in limiting the output
current to about half of its set limit.
OPERATION – RESET CONDITIONS
The LT8710 has three reset cases. When the part is in
reset, the SS pin is pulled low and both power switches,
MN and MP, are forced off. Once all of the reset conditions
are gone, the part is allowed to begin a soft-start sequence
andswitchingcancommence.Eachofthefollowingevents
can cause the LT8710 to be in reset:
1. UVLO
a. The greater of VIN and BIAS is < 4.5V (maximum)
b. INTVCC < 4V (typical)
c. EN/FBIN < 1.7V (typical) at first power-up
2. Overcurrent sensed by IMON > 1.38V (typical)
3. Die Temperature > 175°C
OPERATION – POWER SWITCH CONTROL
The main power switch is the external NFET (MN in Block
Diagram) and the synchronous power switch is the ex-
ternal PFET (MP in Block Diagram). The two switches
are never on at the same time, and there is a non-overlap
time of ~140ns and ~90ns on the rising and falling edges
respectively (see Electrical Characteristics) to prevent
cross conduction. Figure 4 below shows the BG and TG
(BIAS–TG) signals:
Light Load Current (MODE Pin)
The MODE pin can be used to tell the LT8710 to operate
in forced CCM regardless of load current, or operate in
DCM at light loads.
• MODE < 1.175V (typical) = Forced CCM or FCM
• MODE > 1.224V (typical) = DCM or Pulse-Skipping
The forced continuous mode (FCM) allows the inductor
current to reverse directions without any switches being
forced off. At very light load currents, the inductor cur-
rent will swing positive and negative as the appropriate
average current is delivered to the output. There are some
exceptions that negate the MODE pin and force the part
to operate in DCM at light loads:
1. The INTVEE LDO is in UVLO (BIAS – INTVEE < 3.42V
typical).
2. SS < 1.8V (typical).
3. The part is in a reset condition.
When the LT8710 is in discontinuous mode (DCM), syn-
chronous switch MP is held off whenever MP’s current
falls near 0 current (less than 2.8mV (typical) across
RSENSE2). This is to prevent current draw from the output
and/or feeding current to the input supply. Under very
light loads, the current comparator A7, may also remain
tripped for several cycles (i.e. skipping pulses). Since MP
is held off during the skipped pulses, the inductor current
will not reverse.
OPERATION – C/10 AND POWER GOOD (FLAG PIN)
The FLAG pin is an open-drain pin that functions as an ac-
tive high C/10 and power good pin. The FLAG pin changes
states 100µs (typical) after the internal comparators tell
the FLAG pin to change states to reject glitches or tran-
sient events.
operaTion
Figure 4. Synchronous Switching
8710 F04
BG
ON
TG
ON
140ns
90ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com