Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3759
Description  Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3759 Datasheet HTML 18Page - Linear Technology LT3759 Datasheet HTML 19Page - Linear Technology LT3759 Datasheet HTML 20Page - Linear Technology LT3759 Datasheet HTML 21Page - Linear Technology LT3759 Datasheet HTML 22Page - Linear Technology LT3759 Datasheet HTML 23Page - Linear Technology LT3759 Datasheet HTML 24Page - Linear Technology LT3759 Datasheet HTML 25Page - Linear Technology LT3759 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
LT8710
22
8710f
For more information www.linear.com/LT8710
where:
RNTC(25) = Resistance of the NTC resistor at 25°C
b
= Material-specific constant of NTC resistor.
Specified at two temperatures such as
b25/85.
If more than two
bs are specified, use the most
appropriate for the application.
T
= Absolute temperature in Kelvin
T25 = Room temperature in Kelvin (298.15k)
To provide a desired load current for any given application,
RSENSE1 must be sized appropriately. The switch current
will be at its highest when the input voltage is at the lowest
of its range. The equation below calculates RSENSE1 for a
desired output current:
RSENSE1≤0.74• η•
VCSPN
IOUT
• 1–DCMAX
(
)• 1– iRIPPLE
2


where
η
= Converter efficiency (assume ~90%)
VCSPN = Max current limit voltage (see Max Current
Limit vs Duty Cycle (CSP-CSN) plot in the
Typical Performance Characteristics)
IOUT = Converter load current
DCMAX = Switching duty cycle at minimum VIN (see
Power Switch Duty Cycle in Appendix)
iRIPPLE = Peak-to-peakinductorripplecurrentpercent-
age at minimum VIN (recommended to use
25%)
REVERSE CURRENT APPLICATIONS (MODE PIN LOW)
When the forced continuous mode is selected (MODE pin
low), inductor current is allowed to reverse directions and
flow from the VOUT side to the VIN side. This can lead to
current sinking from the output and being forced into the
input. The reverse current is at a maximum magnitude
when VC is lowest. The graph of Max Current Limit vs Duty
Cycle (CSP – CSN) in the Typical Performance Character-
istics section can help to determine the maximum reverse
current capability.
The IMON pin voltage will indicate negative inductor cur-
rents. Refer to the equation for IMON in the Pin Functions.
Note that the IMON voltage is only accurate if the dynamic
voltage across RSENSE2 stays within –51.8mV to 500mV.
If the valley inductor current goes more negative than
–300mV as sensed by RSENSE2, the external PFET will turn
off, and the inductor current will start going more positive.
applicaTions inForMaTion
SWITCH CURRENT LIMIT (RSENSE1 AND CSP-CSN
PINS)
The external current sense resistor (RSENSE1) sets the
maximum peak current though the external NFET switch
(MN). The maximum voltage across RSENSE1 is 50mV
(typical) at very low switch duty cycles, and then slope
compensationdecreasesthecurrentlimitasthedutycycle
increases (see the Max Current Limit vs Duty Cycle (CSP-
CSN) plot in the Typical Performance Characteristics). The
equation below gives the switch current limit for a given
duty cycle and current sense resistor (find VCSPN at the
operating duty cycle in the plot mentioned).
ISW(LIMIT)=
VCSPN
RSENSE1
Figure 11. Temperature Dependent Output Using an NTC
Resistor Divider
8710 F11
VC
GND
6.3V
R1
RNTC
FBX
INTVCC
–
+
EA1
–
+
EA2
14.5k
14.5k
1.213V
FROM SYSTEM
R2
RFBX
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com