Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3759
Description  Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 5 Page - Linear Technology

  LT3759 Datasheet HTML 1Page - Linear Technology LT3759 Datasheet HTML 2Page - Linear Technology LT3759 Datasheet HTML 3Page - Linear Technology LT3759 Datasheet HTML 4Page - Linear Technology LT3759 Datasheet HTML 5Page - Linear Technology LT3759 Datasheet HTML 6Page - Linear Technology LT3759 Datasheet HTML 7Page - Linear Technology LT3759 Datasheet HTML 8Page - Linear Technology LT3759 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
LT8710
5
8710f
For more information www.linear.com/LT8710
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Gate Drivers, BG and TG
BG Rise Time
CBG = 3300pF (Note 3)
24
ns
BG Fall Time
CBG = 3300pF (Note 3)
21
ns
TG Rise Time
CTG = 3300pF (Note 3)
15
ns
TG Fall Time
CTG = 3300pF (Note 3)
16
ns
BG and TG Non-Overlap Time
TG Rising to BG Rising, CBG = CTG = 3300pF (Note 3)
BG Falling to TG Falling, CBG = CTG = 3300pF (Note 3)
80
45
140
90
220
150
ns
ns
BG Minimum On-Time
CBG = CTG = 3300pF
150
420
ns
BG Minimum Off-Time
CBG = CTG = 3300pF
100
480
ns
TG Minimum On-Time
CBG = CTG = 3300pF
0
150
ns
TG Minimum Off-Time
CBG = CTG = 3300pF
290
770
ns
C/10 and Power Good Indicators, FLAG
FLAG C/10 Indicator Threshold
VISP – VISN Falling, VFBX = 1.215V
VISP – VISN Rising, VFBX = 1.215V
l
l
1
4
5
10
16
23
mV
mV
FLAG C/10 Indicator Hysteresis
5
mV
FLAG Power Good Threshold for
Positive FBX Voltage
VFBX Rising, VISP – VISN = 0V
VFBX Falling, VISP – VISN = 0V
l
l
1.127
1.062
1.153
1.095
1.184
1.126
V
V
FLAG Power Good Threshold for
Negative FBX Voltage
VFBX Falling, VISP – VISN = 0V
VFBX Rising, VISP – VISN = 0V
l
l
46
103
68.5
126
90
152
mV
mV
FLAG Power Good Hysteresis for
Positive or Negative FBX Voltage
58
mV
FLAG Anti-Glitch
Delay from C/10 or Power Good
Threshold Trip to FLAG Toggle
100
µs
FLAG Output Voltage Low
100µA into FLAG Pin
l
9
50
mV
FLAG Leakage Current
VFLAG = 7V, FLAG Off
0.01
1
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8710E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the
–40°C to 125°C operating temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT8710I is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 3: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 4: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation over the specified maximum operating junction
temperature may impair device reliability.
Note 5: Do not apply a positive or negative voltage or current source to the
BG, TG, and INTVEE pins, otherwise permanent damage may occur.
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications for each channel are at TA = 25°C. VIN = 12V, VEN/FBIN = 12V, VBIAS = 12V, unless
otherwise noted (Note 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com