Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3759
Description  Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 2 Page - Linear Technology

  LT3759 Datasheet HTML 1Page - Linear Technology LT3759 Datasheet HTML 2Page - Linear Technology LT3759 Datasheet HTML 3Page - Linear Technology LT3759 Datasheet HTML 4Page - Linear Technology LT3759 Datasheet HTML 5Page - Linear Technology LT3759 Datasheet HTML 6Page - Linear Technology LT3759 Datasheet HTML 7Page - Linear Technology LT3759 Datasheet HTML 8Page - Linear Technology LT3759 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
LT8710
2
8710f
For more information www.linear.com/LT8710
pin conFiguraTion
absoluTe MaxiMuM raTings
(Note 1)
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
FBX
VC
SS
FLAG
IMON
ISN
ISP
BIAS
INTVEE
TG
GND
SYNC
RT
MODE
EN/FBIN
CSP
CSN
VIN
INTVCC
BG
21
GND
TJMAX = 125°C, θJA = 38°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT8710EFE#PBF
LT8710EFE#TRPBF
LT8710FE
20-Lead Plastic TSSOP
–40°C to 125°C
LT8710IFE#PBF
LT8710IFE#TRPBF
LT8710FE
20-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
VIN Voltage ................................................ –0.3V to 80V
BIAS Voltage.............................................. –0.3V to 80V
EN/FBIN Voltage......................................... –0.3V to 80V
BG Voltage ............................................................Note 5
TG Voltage ............................................................Note 5
RT Voltage ................................................... –0.3V to 5V
SS Voltage ................................................... –0.3V to 3V
FBX Voltage.................................................................5V
FBX Current............................................................–1mA
VC Voltage.................................................... –0.3V to 2V
SYNC Voltage............................................ –0.3V to 5.5V
FLAG Voltage ............................................... –0.3V to 7V
FLAG Current ......................................................... ±1mA
MODE Voltage............................................ –0.3V to 40V
INTVCC Voltage ............................................ –0.3V to 7V
INTVEE Voltage......................................................Note 5
CSP Voltage ................................................. –0.3V to 2V
CSN Voltage................................................. –0.3V to 2V
ISP Voltage ................................. ISN – 0.4V to ISN + 2V
ISN Voltage................................................ –0.3V to 80V
IMON Voltage............................................ –0.3V to 2.5V
Operating Junction Temperature Range
LT8710E............................................. –40°C to 125°C
LT8710I.............................................. –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com