Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3759
Description  Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 3 Page - Linear Technology

  LT3759 Datasheet HTML 1Page - Linear Technology LT3759 Datasheet HTML 2Page - Linear Technology LT3759 Datasheet HTML 3Page - Linear Technology LT3759 Datasheet HTML 4Page - Linear Technology LT3759 Datasheet HTML 5Page - Linear Technology LT3759 Datasheet HTML 6Page - Linear Technology LT3759 Datasheet HTML 7Page - Linear Technology LT3759 Datasheet HTML 8Page - Linear Technology LT3759 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LT8710
3
8710f
For more information www.linear.com/LT8710
elecTrical characTerisTics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Input Voltage
VIN OR VBIAS
VIN if VBIAS ≥ 4.5V
l
0
4.25
4.5
V
V
Quiescent Current, IVIN
VBIAS = VISN = 7.5V, Not Switching
VBIAS = 6.3V, VINTVEE = VISN = 0V, Not Switching
4
5.5
5.5
7.5
mA
mA
Quiescent Current in Shutdown
VEN/FBIN = 0V
0
1
µA
EN/FBIN Active Mode
EN/FBIN Rising
l
1.64
1.7
1.76
V
EN/FBIN Chip Enable
EN/FBIN Rising
EN/FBIN Falling
l
l
1.22
1.18
1.3
1.26
1.38
1.34
V
V
EN/FBIN Chip Enable Hysteresis
44
mV
EN/FBIN Input Voltage Low
Shutdown Mode
l
0.3
V
EN/FBIN Pin Bias Current
VEN/FBIN = 3V
VEN/FBIN = 1.7V
VEN/FBIN = 1.6V
VEN/FBIN = 0V
14
13
44
19.5
17.5
0
60
25
22.5
0.1
µA
µA
µA
µA
SS Charge Current
VSS = 0V, Current Flows Out of SS Pin
l
7
10.1
13.8
µA
SS Low Detection Voltage
Part Exiting Undervoltage Lockout
l
18
50
82
mV
SS Hi Detection Voltage
SS Rising
SS Falling
1.5
1.3
1.8
1.7
2.1
2.05
V
V
SS Hi Detection Hysteresis
100
mV
Low Dropout Regulators, INTVCC and INTVEE
INTVCC Voltage
IINTVCC = 10mA
l
6.2
6.3
6.4
V
INTVCC Undervoltage Lockout
INTVCC Rising
INTVCC Falling
l
l
3.88
3.5
4
3.73
4.12
3.95
V
V
INTVCC Undervoltage Lockout Hysteresis
270
mV
INTVCC Dropout Voltage
VIN – INTVCC, VIN = 6V, VBIAS = 0V, IINTVCC = 10mA
VBIAS – VINTVCC, VIN = 0V, VBIAS = 6V, IINTVCC = 10mA
255
280
mV
mV
INTVCC Load Regulation
VIN = 12V, VBIAS = 0V, IINTVCC = 0mA to 80mA
VIN = 0V, VBIAS = 12V, IINTVCC = 0mA to 40mA
–0.44
–0.34
–2
–2
%
%
INTVCC Line Regulation
10V ≤ VIN ≤ 80V, VBIAS = 0V, IINTVCC = 10mA
10V ≤ VBIAS ≤ 80V, VIN = 0V, IINTVCC = 10mA
–0.003
–0.006
–0.03
–0.03
%/V
%/V
INTVCC Maximum External Load Current
5
mA
INTVEE Voltage, VBIAS – VINTVEE
IINTVEE = 10mA
l
6.03
6.18
6.33
V
INTVEE Undervoltage Lockout,
VBIAS – VINTVEE
VBIAS – VINTVEE Rising
VBIAS – VINTVEE Falling
l
l
3.24
2.94
3.42
3.22
3.6
3.48
V
V
INTVEE Undervoltage Lockout
Hysteresis, VBIAS – VINTVEE
200
mV
INTVEE Dropout Voltage, VINTVEE
VBIAS = 6V, IINTVEE = 10mA
0.75
V
Control Loops (Refer to Block Diagram to Locate Amplifiers)
Current Limit Voltage, VCSP – VCSN
VFBX = 1.1V, Minimum Duty Cycle
VFBX = 1.1V, Maximum Duty Cycle
l
l
46
23
50
31
54
38
mV
mV
VFBX = 1.4V, MODE = 0V, Minimum Duty Cycle
VFBX = 1.4V, MODE = 0V, Maximum Duty Cycle
l
l
–23
–38
–32
–51
–41
–65
mV
mV
FBX Positive Output Regulation Voltage,
EA1
l
1.191
1.213
1.237
V
FBX Negative Output Regulation Voltage,
EA2
l
–2
9.6
21
mV
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications for each channel are at TA = 25°C. VIN = 12V, VEN/FBIN = 12V, VBIAS = 12V, unless
otherwise noted (Note 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com