Electronic Components Datasheet Search
  English  ▼

X  

LT3759 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3759
Description  Synchronous SEPIC/ Inverting/Boost Controller with Output Current Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3759 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3759 Datasheet HTML 20Page - Linear Technology LT3759 Datasheet HTML 21Page - Linear Technology LT3759 Datasheet HTML 22Page - Linear Technology LT3759 Datasheet HTML 23Page - Linear Technology LT3759 Datasheet HTML 24Page - Linear Technology LT3759 Datasheet HTML 25Page - Linear Technology LT3759 Datasheet HTML 26Page - Linear Technology LT3759 Datasheet HTML 27Page - Linear Technology LT3759 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
LT8710
24
8710f
For more information www.linear.com/LT8710
The RC product should be kept less than 30ns, which is
simply the total series R (5.1Ω+5.1Ω in this case) times
the equivalent capacitance seen across the sense pins
(2.2nF for Figure 14a and 2.35nF for Figure 14b).
SWITCHING FREQUENCY
TheLT8710usesaconstantfrequencyarchitecturebetween
100kHz and 750kHz. The frequency can be set using the
internal oscillator or can be synchronized to an external
clock source. Selection of the switching frequency is a
trade-off between efficiency and component size. Low
frequency operation increases efficiency by reducing
MOSFET switching losses, but requires larger inductance
and/or capacitance to maintain low output ripple voltage.
For high power applications, consider operating at lower
frequencies to minimize MOSFET heating from switching
losses. The switching frequency can be set by placing an
appropriate resistor from the RT pin to ground and tying
the SYNC pin low. The frequency can also be synchronized
to an external clock source driven into the SYNC pin. The
following sections provide more details.
Oscillator Timing Resistor (RT)
The operating frequency of the LT8710 can be set by the
internal free-running oscillator. When the SYNC pin is
driven low (< 0.4V), the frequency of operation is set by a
resistorfromtheRTpintoground.Theoscillatorfrequency
is calculated using the following formula:
f =
35,880
RT+1
(
)
where f is in kHz and RT is in k. Conversely, RT (in k) can
be calculated from the desired frequency (in kHz) using:
RT =
35,880
f
–1
Clock Synchronization
An external source can set the operating frequency of the
LT8710 by providing a digital clock signal into the SYNC
pin (RT resistor still required). The LT8710 will operate at
the SYNC clock frequency. The LT8710 will revert to its
internal free-running oscillator clock when the SYNC pin
is driven below 0.4V for a few free-running clock periods.
Driving SYNC high for an extended period of time effec-
tively stops the operating clock and prevents latch SR1
from becoming set (see Block Diagram). As a result, the
switching operation of the LT8710 will stop.
The duty cycle of the SYNC signal must be between 20%
and 80% for proper operation. Also, the frequency of the
SYNC signal must meet the following two criteria:
1. SYNC may not toggle outside the frequency range of
100kHz to 750kHz unless it is stopped below 0.4V
to enable the free-running oscillator.
2. The SYNC frequency can always be higher than the
free-running oscillator frequency (as set by the RT
resistor), fOSC, but should not be less than 25%
below fOSC.
AfterSYNCbeginstoggling,itisrecommendedthatswitch-
ing activity is stopped before the SYNC pin stops toggling.
Excess negative inductor current can result when SYNC
stops toggling as the LT8710 transitions from the external
SYNC clock source to the internal free-running oscillator
clock. Switching activity can be stopped by driving the
EN/FBIN pin low.
LDO REGULATORS
The LT8710 has two linear regulators to run the BG and
TG gate drivers. The INTVCC LDO regulates 6.3V (typical)
above ground, and the INTVEE regulator regulates 6.18V
(typical) below the BIAS pin.
INTVCC LDO Regulator
The INTVCC LDO is used as the top rail for the BG gate
driver for positive output converters. In the case of a nega-
tive output converter, the INTVCC LDO is used as the top
rail for both the BG and TG gate drivers (BIAS and INTVEE
must tie to INTVCC and GND respectively). An external
capacitor greater than 2.2µF must be placed from the
INTVCC pin to ground. The UVLO threshold on INTVCC is
4V (typical), and the LT8710 will be in reset until the LDO
comes out of UVLO.
The INTVCC LDO can run off VIN or BIAS and will intel-
ligently select to run off the best for minimizing chip
power loss, but at the same time, select the proper input
for maintaining INTVCC as close to 6.3V as possible. For
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com